Electronic Components Datasheet Search
  English  ▼

X  

BGU8821 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # BGU8821
Description  Dual channel low-noise high linearity amplifier with DSA and SPDT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8821 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button BGU8821 Datasheet HTML 17Page - NXP Semiconductors BGU8821 Datasheet HTML 18Page - NXP Semiconductors BGU8821 Datasheet HTML 19Page - NXP Semiconductors BGU8821 Datasheet HTML 20Page - NXP Semiconductors BGU8821 Datasheet HTML 21Page - NXP Semiconductors BGU8821 Datasheet HTML 22Page - NXP Semiconductors BGU8821 Datasheet HTML 23Page - NXP Semiconductors BGU8821 Datasheet HTML 24Page - NXP Semiconductors BGU8821 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
NXP Semiconductors
BGU8821/A
Dual channel low-noise high linearity amplifier with DSA and SPDT
BGU8821/A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 6 — 15 April 2020
21 / 41
8.3 Device Functionality
The BGU8821/A supports both main and diversity receiver channels in both TDD and
FDD systems. It has a first stage LNA optimized for sensitivity followed by a digital step
attenuator and output stage amplifier. The first stage LNA output is routed outside the
device, so there is a possibility to use the device in different system configurations (e.g.
connect frequency selective filters in-between output of the first stage LNA and DSA
input, refer to Functional Diagram in Section 6).
Main and Diversity channels are controlled separately, via addressing different registers
in device’s memory. LNAs can be set in power-down mode to save current consumption
depending on system configuration (address 0x10h, refer to Table 18).
Attenuation levels of DSAs can be set with steps of 1 dB and total range of 31 dB.
Attenuation can be written to the address 0x11h for Main channel (Table 19) and the
address 0x12h for Diversity channel (Table 20).
To support highly integrated solutions and reduce platform costs a standalone SPDT
switch is included. Switch is controlled at address 0x13h (refer to Table 21).
All RF inputs and outputs are single-ended and matched to 50 Ω (external matching
components may be required, refer to Application information in Section 14). The
BGU8821/A is controlled via SPI bus, supporting both 3- and 4-wire configurations. Full
description of SPI interface is provided in Section 8.2. In TDD systems, the LNAs and
DSA can also be controlled via direct-access pins. The direct-access functionality is
described in Section 8.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com