Electronic Components Datasheet Search
  English  ▼

X  

BGU8821 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # BGU8821
Description  Dual channel low-noise high linearity amplifier with DSA and SPDT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8821 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button BGU8821 Datasheet HTML 28Page - NXP Semiconductors BGU8821 Datasheet HTML 29Page - NXP Semiconductors BGU8821 Datasheet HTML 30Page - NXP Semiconductors BGU8821 Datasheet HTML 31Page - NXP Semiconductors BGU8821 Datasheet HTML 32Page - NXP Semiconductors BGU8821 Datasheet HTML 33Page - NXP Semiconductors BGU8821 Datasheet HTML 34Page - NXP Semiconductors BGU8821 Datasheet HTML 35Page - NXP Semiconductors BGU8821 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
NXP Semiconductors
BGU8821/A
Dual channel low-noise high linearity amplifier with DSA and SPDT
BGU8821/A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 6 — 15 April 2020
32 / 41
aaa-033701
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-80
-75
-70
-65
-60
-55
-50
f (GHz)
ISL
ISL
(dB)
(dB)
(1)
(1)
(2)
(2)
(3)
(3)
VDD= 5 V
(1) Tamb= -40 °C
(2) Tamb= +25 °C
(3) Tamb= +95 °C
Figure 42. SPDT isolation SWRF1 to SWRF2 as function
of frequency, typical values
aaa-033702
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
27
29
31
33
f (GHz)
PL(1dB)
PL(1dB)
(dB)
(dB)
(1)
(1)
(2)
(2)
(3)
(3)
VDD= 5 V
(1) Tamb= -40 °C
(2) Tamb= +25 °C
(3) Tamb= +95 °C
Figure 43. SPDT 1 dB compression point as function of
frequency, typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com