Electronic Components Datasheet Search
  English  ▼

X  

BGU8821 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BGU8821
Description  Dual channel low-noise high linearity amplifier with DSA and SPDT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8821 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BGU8821 Datasheet HTML 7Page - NXP Semiconductors BGU8821 Datasheet HTML 8Page - NXP Semiconductors BGU8821 Datasheet HTML 9Page - NXP Semiconductors BGU8821 Datasheet HTML 10Page - NXP Semiconductors BGU8821 Datasheet HTML 11Page - NXP Semiconductors BGU8821 Datasheet HTML 12Page - NXP Semiconductors BGU8821 Datasheet HTML 13Page - NXP Semiconductors BGU8821 Datasheet HTML 14Page - NXP Semiconductors BGU8821 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
NXP Semiconductors
BGU8821/A
Dual channel low-noise high linearity amplifier with DSA and SPDT
BGU8821/A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 6 — 15 April 2020
11 / 41
Bits
Name
Access
Value
Description
Switches SPI bus between 3-wire and 4-wire modes
0*
3-wire mode with <SDIO> as bidirectional input and output
pin
3
4WIRE_MODE
R/W
1
4-wire mode with <SDIO> as unidirectional input and
<SDO> as unidirectional output pins. Bit shall be set HIGH
together with bit [4]
Sets register address read/write order for the streaming (multi-byte)
SPI access mode
0*
Auto-decrementing register address order in the streaming
mode
2
ADRESS_INCREMENT
R/W
1
Auto-incrementing register address order in the streaming
mode. Bit shall be set HIGH together with bit [5]
Sets MSB_FIRST (default) or LSB_FIRST mode of operation
0*
MSB_FIRST mode. The data is entered with MSB first and
LSB last
1
LSB_FIRST
R/W
1
LSB_FIRST mode. The data is entered with LSB first and
MSB last. Bit shall be set HIGH together with bit [6]
SPI reset bit. All registers are reverted to default state when bit is set
HIGH
0*
Normal operation
0
SPI_FIRST
W
1
Resets all registers from address 0x02h up to 0x17h to
default states. Bit shall be set HIGH together with bit [7]. Bit
value resets back to LOW level after command is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com