Electronic Components Datasheet Search
  English  ▼

X  

BGU8821 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGU8821
Description  Dual channel low-noise high linearity amplifier with DSA and SPDT
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8821 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGU8821 Datasheet HTML 1Page - NXP Semiconductors BGU8821 Datasheet HTML 2Page - NXP Semiconductors BGU8821 Datasheet HTML 3Page - NXP Semiconductors BGU8821 Datasheet HTML 4Page - NXP Semiconductors BGU8821 Datasheet HTML 5Page - NXP Semiconductors BGU8821 Datasheet HTML 6Page - NXP Semiconductors BGU8821 Datasheet HTML 7Page - NXP Semiconductors BGU8821 Datasheet HTML 8Page - NXP Semiconductors BGU8821 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
NXP Semiconductors
BGU8821/A
Dual channel low-noise high linearity amplifier with DSA and SPDT
BGU8821/A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 6 — 15 April 2020
4 / 41
7 Pinning information
7.1 Pinning
aaa-020600
exposed die pad
Transparent top view
terminal 1
index area
33
34
23
32
31
30
29
28
27
26
25
24
VDD_SPDT
VDD_SPI
GND/Disable Main channel
SW_RF2
GND
GND
SW_RFC
GND
GND
SW_RF1
GND/Disable Diversity channel
GPO/DSA_0_X dB Diversity
2
1
3
4
5
6
7
8
9
10
11
12
RFIN_M
GND
GND
GND
SCLK
CSB
SDIO
SDO
DSA_0_X dB Main
GND
RFIN_D
GND
Multiple power and ground pins allows for independent supply domains to improve cross channel isolation and between
blocks in one single channel. In, order to reduce series inductance at all RF ports and RF grounding a small package
footprint was chosen.
Figure 2. Pin configuration
7.2 Pin description
Table 5. Pin description
Symbol
Pin
Description
GND
1, 3, 4, 10, 12,
14,16, 17, 19, 20,
26, 27, 29, 30, 37,
38,40, 41,43
Ground
RFIN_M
2
RF Input to LNA1, main channel. An external DC block is required. External
SMD is required for matching.
SCLK
5
Clock input for SPI
CSB
6
Chip select active low
SDIO
7
Serial data in/out. Push-Pull pin
SDO
8
Serial data out. Push-Pull pin
DSA_0_X dB Main
9
Direct-access DSA setting between minimum attenuation and X dB
attenuation programmed prior to TDD mode, main channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com