Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22917DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 2Page - Texas Instruments TPS22917DBVT Datasheet HTML 3Page - Texas Instruments TPS22917DBVT Datasheet HTML 4Page - Texas Instruments TPS22917DBVT Datasheet HTML 5Page - Texas Instruments TPS22917DBVT Datasheet HTML 6Page - Texas Instruments TPS22917DBVT Datasheet HTML 7Page - Texas Instruments TPS22917DBVT Datasheet HTML 8Page - Texas Instruments TPS22917DBVT Datasheet HTML 9Page - Texas Instruments TPS22917DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
7.5 Electrical Characteristics
Unless otherwise noted, the specification in the following table applies for all variants over the entire recommended power
supply voltage range of 1 V to 5.5 V. Typical Values are at 25°C.
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
INPUT SUPPLY(VIN)
IQ,VIN
VIN Quiescent current
Enabled, VOUT = Open
–40°C to +85°C
0.5
1.0
µA
–40°C to +125°C
1.2
µA
ISD,VIN
VIN Shutdown current
Disabled, VOUT = GND (TPS22917)
–40°C to +85°C
10
100
nA
–40°C to +105°C
250
nA
Disabled, VOUT = GND (TPS22917L)
–40°C to +85°C
175
300
nA
–40°C to +105°C
400
nA
ON-RESISTANCE(RON)
RON
ON-Resistance
IOUT = 200 mA
VIN = 5 V
25°C
80
100
mΩ
–40°C to +85°C
120
–40°C to +105°C
130
–40°C to +125°C
140
VIN = 3.6 V
25°C
90
110
–40°C to +85°C
140
–40°C to +105°C
150
–40°C to +125°C
160
VIN = 1.8 V
25°C
120
150
–40°C to +85°C
175
–40°C to +105°C
185
–40°C to +125°C
200
VIN = 1.2 V
25°C
170
220
–40°C to +85°C
265
–40°C to +105°C
280
–40°C to +125°C
300
VIN = 1.0 V
25°C
220
300
–40°C to +85°C
350
–40°C to +105°C
370
–40°C to +125°C
390
ENABLE PIN(ON)
ION
ON Pin leakage
Enabled (TPS22917)
–40°C to +125°C
–10
10
nA
Enabled (TPS22917L)
–40°C to +125°C
–20
20
nA
RPD
Smart Pull Down Resistance
VON ≤ VIL
–40°C to +105°C
750
kΩ
REVERSE CURRENT BLOCKING(RCB)
IRCB
RCB Activation Current
Enabled, VOUT > VIN
–40°C to +125°C
-0.5
-1
A
tRCB
RCB Activation time
Enabled, VOUT > VIN + 200mV
–40°C to +125°C
10
µs
VRCB
RCB Release Voltage
Enabled, VOUT > VIN
–40°C to +125°C
25
mV
IIN,RCB
VIN Reverse Leakage Current
0 V ≤ VIN + VRCB ≤ VOUT ≤ 5.5 V
–40°C to +105°C
–1
µA
QUICK OUTPUT DISCHARGE(QOD)
QOD
Output discharge resistance
Disabled
–40°C to +105°C
150
Ω
TPS22917
SLVSDW8B – SEPTEMBER 2017 – REVISED DECEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com