Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22917DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 10Page - Texas Instruments TPS22917DBVT Datasheet HTML 11Page - Texas Instruments TPS22917DBVT Datasheet HTML 12Page - Texas Instruments TPS22917DBVT Datasheet HTML 13Page - Texas Instruments TPS22917DBVT Datasheet HTML 14Page - Texas Instruments TPS22917DBVT Datasheet HTML 15Page - Texas Instruments TPS22917DBVT Datasheet HTML 16Page - Texas Instruments TPS22917DBVT Datasheet HTML 17Page - Texas Instruments TPS22917DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
9 Detailed Description
9.1 Overview
The TPS22917x device is a 5.5-V, 2-A load switch in a 6-pin SOT-23 package. To reduce voltage drop for low
voltage and high current rails, the device implements a low resistance P-channel MOSFET which reduces the
drop out voltage across the device.
The TPS22917x device has a configurable slew rate which helps reduce or eliminate power supply droop
because of large inrush currents. Furthermore, the device features a QOD pin, which allows the configuration
of the discharge rate of VOUT after the switch is disabled. During shutdown, the device has very low leakage
currents, thereby reducing unnecessary leakages for downstream modules during standby. Integrated control
logic, driver, charge pump, and output discharge FET eliminates the need for any external components which
reduces solution size and bill of materials (BOM) count.
9.2 Functional Block Diagram
Control
Logic
Reverse
Current
Blocking
Driver
IN
ON
GND
QOD
CT
OUT
Timing
Control
TPS22917
SLVSDW8B – SEPTEMBER 2017 – REVISED DECEMBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com