Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22917DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 16Page - Texas Instruments TPS22917DBVT Datasheet HTML 17Page - Texas Instruments TPS22917DBVT Datasheet HTML 18Page - Texas Instruments TPS22917DBVT Datasheet HTML 19Page - Texas Instruments TPS22917DBVT Datasheet HTML 20Page - Texas Instruments TPS22917DBVT Datasheet HTML 21Page - Texas Instruments TPS22917DBVT Datasheet HTML 22Page - Texas Instruments TPS22917DBVT Datasheet HTML 23Page - Texas Instruments TPS22917DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
12 Layout
12.1 Layout Guidelines
For best performance, all traces must be as short as possible. To be most effective, the input and output
capacitors must be placed close to the device to minimize the effects that parasitic trace inductances can have
on normal operation. Using wide traces for VIN, VOUT, and GND helps minimize the parasitic electrical effects.
12.2 Layout Example
Figure 12-1. Recommended Board Layout
12.3 Thermal Considerations
The maximum IC junction temperature must be restricted to 125°C under normal operating conditions. To
calculate the maximum allowable dissipation, PD(max) for a given output current and ambient temperature, use
Equation 12:
J(MAX)
A
D(MAX)
JA
T
T
P
-
=
q
(12)
where
• PD(MAX) = maximum allowable power dissipation
• TJ(MAX) = maximum allowable junction temperature (125°C for the TPS22917x)
• TA = ambient temperature of the device
• θJA = junction to air thermal impedance. Refer to the Thermal Information section. This parameter is highly
dependent upon board layout.
TPS22917
SLVSDW8B – SEPTEMBER 2017 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com