Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22917DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 13Page - Texas Instruments TPS22917DBVT Datasheet HTML 14Page - Texas Instruments TPS22917DBVT Datasheet HTML 15Page - Texas Instruments TPS22917DBVT Datasheet HTML 16Page - Texas Instruments TPS22917DBVT Datasheet HTML 17Page - Texas Instruments TPS22917DBVT Datasheet HTML 18Page - Texas Instruments TPS22917DBVT Datasheet HTML 19Page - Texas Instruments TPS22917DBVT Datasheet HTML 20Page - Texas Instruments TPS22917DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
This section highlights some of the design considerations when implementing this device in various applications.
10.2 Typical Application
This typical application demonstrates how the TPS22917x device can be used to power downstream modules.
+
±
CIN
VIN
CT
CT
TPS22917
ON
RQOD
CL
RL
VIN
VOUT
QOD
H
L
Copyright © 2018, Texas Instruments Incorporated
Figure 10-1. Typical Application Schematic
10.2.1 Design Requirements
For this design example, use the values listed in Table 10-1 as the design parameters:
Table 10-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage (VIN )
3.6 V
Load current / resistance (RL)
1 kΩ
Load capacitance (CL)
47 µF
Minimum fall time (tF)
40 ms
Maximum inrush current (IRUSH)
150 mA
www.ti.com
TPS22917
SLVSDW8B – SEPTEMBER 2017 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS22917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com