Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22917DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 12Page - Texas Instruments TPS22917DBVT Datasheet HTML 13Page - Texas Instruments TPS22917DBVT Datasheet HTML 14Page - Texas Instruments TPS22917DBVT Datasheet HTML 15Page - Texas Instruments TPS22917DBVT Datasheet HTML 16Page - Texas Instruments TPS22917DBVT Datasheet HTML 17Page - Texas Instruments TPS22917DBVT Datasheet HTML 18Page - Texas Instruments TPS22917DBVT Datasheet HTML 19Page - Texas Instruments TPS22917DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
• QOD pin is unused and left floating. Using this method, there is no quick output discharge functionality, and
the output remains floating after the switch is disabled.
The fall times of the device depend on many factors including the total discharge resistance (RDIS) and the
output capacitance (CL). To calculate the approximate fall time of VOUT use Equation 4.
tFALL = 2.2 × (RDIS || RL) × CL
(4)
Where:
• tFALL = output fall time from 90% to 10% (μs)
• RDIS = total QOD + RQOD resistance (Ω)
• RL = output load resistance (Ω)
• CL = output load capacitance (μF)
9.3.3.1 QOD When System Power is Removed
The adjustable QOD can be used to control the power down sequencing of a system even when the system
power supply is removed. When the power is removed, the input capacitor discharges at VIN. Past a certain VIN
level, the strength of the RPD is reduced. If there is still remaining charge on the output capacitor, this results in
longer fall times. For further information regarding this condition, see the Setting Fall Time for Shutdown Power
Sequencing section.
9.4 Full-Time Reverse Current Blocking
In a scenario where the device is enabled and VOUT is greater than VIN there is potential for reverse current
to flow through the pass FET or the body diode. When the reverse current threshold (IRCB) is exceeded, the
switch is disabled within tRCB. The Switch remains off and block reverse current as long as the reverse voltage
condition exists. After VOUT has dropped below the VRCB release threshold the device turns back on with slew
rate control.
9.5 Device Functional Modes
Table 9-2 describes the connection of the VOUT pin depending on the state of the ON pin as well as the various
QOD pin configurations.
Table 9-2. VOUT Connection
ON
QOD CONFIGURATION
TPS22917 VOUT
TPS22917L VOUT
L
QOD pin connected to VOUT with RQOD
GND (via QOD + RQOD)
VIN
L
QOD pin tied to VOUT directly
GND (via QOD)
VIN
L
QOD pin left open
Floating
VIN
H
QOD pin connected to VOUT with RQOD
VIN
GND (via QOD + RQOD)
H
QOD pin tied to VOUT directly
VIN
GND (via QOD)
H
QOD pin left open
VIN
Floating
TPS22917
SLVSDW8B – SEPTEMBER 2017 – REVISED DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com