Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22917DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 8Page - Texas Instruments TPS22917DBVT Datasheet HTML 9Page - Texas Instruments TPS22917DBVT Datasheet HTML 10Page - Texas Instruments TPS22917DBVT Datasheet HTML 11Page - Texas Instruments TPS22917DBVT Datasheet HTML 12Page - Texas Instruments TPS22917DBVT Datasheet HTML 13Page - Texas Instruments TPS22917DBVT Datasheet HTML 14Page - Texas Instruments TPS22917DBVT Datasheet HTML 15Page - Texas Instruments TPS22917DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
7.7.2 Typical Switching Characteristics (continued)
Figure 7-25. Turn-Off at 3.6 V
RL = Open
CL = 47 μF
Figure 7-26. Turn-Off at 3.6 V (Open Load)
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
5
10
15
20
25
30
35
40
45
D011
105°C
85°C
25°C
40°C
VIN = 1 V to 5.5 V
Figure 7-27. Turn-Off Time
RQOD (:)
0
100
200
300
400
500
600
700
800
900 1000
0
5000
10000
15000
20000
25000
D032
10 PF
220 PF
VIN = 1 V to 5.5 V
RL = Open
Figure 7-28. Turn-Off Time (Open Load)
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
18
19
20
21
22
23
24
25
26
D028
105 qC
85 qC
25 qC
40 qC
VIN = 1 V to 5.5 V
Figure 7-29. Fall Time
RQOD (:)
0
100
200
300
400
500
600
700
800
900 1000
0
50000
100000
150000
200000
250000
300000
350000
400000
450000
500000
550000
D030
D030
D030
D030
10 uF
220 uF
VIN = 1 V to 5.5 V
RL = Open
Figure 7-30. Fall Time (Open Load)
TPS22917
SLVSDW8B – SEPTEMBER 2017 – REVISED DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com