Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22917DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 4Page - Texas Instruments TPS22917DBVT Datasheet HTML 5Page - Texas Instruments TPS22917DBVT Datasheet HTML 6Page - Texas Instruments TPS22917DBVT Datasheet HTML 7Page - Texas Instruments TPS22917DBVT Datasheet HTML 8Page - Texas Instruments TPS22917DBVT Datasheet HTML 9Page - Texas Instruments TPS22917DBVT Datasheet HTML 10Page - Texas Instruments TPS22917DBVT Datasheet HTML 11Page - Texas Instruments TPS22917DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
7.7 Typical Characteristics
7.7.1 Typical Electrical Characteristics
The typical characteristics curves in this section apply at 25°C unless otherwise noted.
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
D002
105 qC
85 qC
25 qC
40 qC
VON ≤ VIL
Figure 7-1. Shutdown Current (ISD)
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
D001
105 qC
85 qC
25 qC
40 qC
VON ≥ VIH
Figure 7-2. Quiescent Current (IQ)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
50
75
100
125
150
175
200
225
250
275
D004
1 V
1.2 V
1.8 V
3.6 V
5 V
VON ≥ VIH
Figure 7-3. ON-Resistance (RON)
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
140
160
180
200
220
240
260
D007
85qC
25qC
40qC
VON ≤ VIL
Figure 7-4. Quick Output Discharge (QOD)
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0.55
0.575
0.6
0.625
0.65
0.675
0.7
0.725
D006
VIH
VIL
–40°C to +105°C
Figure 7-5. ON Pin Threshold
Temperature (qC)
-50
0
50
100
150
650
700
750
800
850
900
950
1000
1050
D005
VON ≤ VIL
Figure 7-6. ON Pin Smart Pulldown (RPD)
TPS22917
SLVSDW8B – SEPTEMBER 2017 – REVISED DECEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS22917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com