Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 113 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 113 Page - ams AG

Back Button AS3715 Datasheet HTML 109Page - ams AG AS3715 Datasheet HTML 110Page - ams AG AS3715 Datasheet HTML 111Page - ams AG AS3715 Datasheet HTML 112Page - ams AG AS3715 Datasheet HTML 113Page - ams AG AS3715 Datasheet HTML 114Page - ams AG AS3715 Datasheet HTML 115Page - ams AG AS3715 Datasheet HTML 116Page - ams AG AS3715 Datasheet HTML 117Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 160 page
background image
ams Datasheet, Confidential
Page 113
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Figure 121:
OvertemperatureControl
Figure 122:
WatchdogControl
Addr:37h
OvertemperatureControl
Bit
Bit Name
Default
Access
Bit Description
7
tco_140_a
0
RO
Only used for production test
6
tco_110_a
0
RO
Only used for production test
5:4
temp_test
b00
RW
3
rst_ov_temp_140
0
RW_SMP
If the overtemperature threshold 2 has been reached,
the flag ov_temp_140 is set and a reset cycle is started.
ov_temp_140 should be reset by writing 1 and
afterward 0 to rst_ov_temp_140
2
ov_temp_140
0
RO
Flag that the overtemperature threshold 2 (T140) has
been reached - this flag is not reset by a
overtemperature caused reset and has to be reset by
rst_ov_temp_140
1
ov_temp_110
0
RO
Flag that the overtemperature threshold 1 (T110) has
been reached
0
temp_pmc_on
1
RW
Switch ON/OFF of temperature supervision; default: ON
- all other bits are only valid if set to 1
Leave at 1, do not disable
Addr:38h
WatchdogControl
Bit
Bit Name
Default
Access
Bit Description
1wtdg_res_on
0
RW
If the watchdog expires and wtdg_res_on = 1 a reset cycle
will be started - see section Reset
0wtdg_on
0
RW
Switches ON the complete watchdog
0 : Watchdog OFF
1 : Watchdog enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com