Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 109 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 109 Page - ams AG

Back Button AS3715 Datasheet HTML 105Page - ams AG AS3715 Datasheet HTML 106Page - ams AG AS3715 Datasheet HTML 107Page - ams AG AS3715 Datasheet HTML 108Page - ams AG AS3715 Datasheet HTML 109Page - ams AG AS3715 Datasheet HTML 110Page - ams AG AS3715 Datasheet HTML 111Page - ams AG AS3715 Datasheet HTML 112Page - ams AG AS3715 Datasheet HTML 113Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 160 page
background image
ams Datasheet, Confidential
Page 109
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Figure 117:
Startup_Control
Addr:33h
Startup_Control
Bit
Bit Name
Default
Access
Bit Description
2
onkey_lpress_reset
0
RW_SM
Selects behavior for ONKEY/ENx longpress
0 : Change to power_off mode
1 : Reset cycle started if on_reset_delay=0;
ONKEY/ENx longpress is disabled if
on_reset_delay=1
1
chg_pwr_off_en
0
RO
Select charger detection in power OFF mode
Read only (OTP setting)
0 : Exit of Power OFF mode, if charger is detected
(level detection)
1 : Exit of Power OFF mode, if charger is attached or
detached
0
power_off_at_vsuplow
0
RW_SM
Switch ON Power OFF mode if low VSUP is
detected during active or standby mode (Pin ON=
low and bit auto_off=0)
0 : If low battery is detected, continuously monitor
battery voltage and startup if battery voltage is
above ResVoltrise
1 : If low battery is detected, enter power OFF
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com