Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 107 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 107 Page - ams AG

Back Button AS3715 Datasheet HTML 103Page - ams AG AS3715 Datasheet HTML 104Page - ams AG AS3715 Datasheet HTML 105Page - ams AG AS3715 Datasheet HTML 106Page - ams AG AS3715 Datasheet HTML 107Page - ams AG AS3715 Datasheet HTML 108Page - ams AG AS3715 Datasheet HTML 109Page - ams AG AS3715 Datasheet HTML 110Page - ams AG AS3715 Datasheet HTML 111Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 160 page
background image
ams Datasheet, Confidential
Page 107
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Figure 115:
SD_control2
Addr:31h
SD_control2
Bit
Bit Name
Default
Access
Bit Description
7:6
dvm_time_sd4
b00
RW
Time steps of DVM voltage change of SD4
If voltage of step Down is changed during operation
(sdx_vsel)
voltage is de/increased by single steps 10mV
0 : 0 usec, immediate change (no DVM)
1 : 1 usec time delay between steps
2 : 2 usec time delay between steps
3 : 8 usec time delay between steps
5:4
dvm_time_sd1
b00
RW
Time steps of DVM voltage change of SD1
If voltage of step Down is changed during operation
(sdx_vsel)
voltage is de/increased by single steps 12.5/25/50mV
0 : 0 usec, immediate change (no DVM)
1 : 4 usec time delay between steps
2 : 8 usec time delay between steps
3 : 16 usec time delay between steps
3sd3_slave
0
RW_SM
Enables slave mode of SD3
0 : Normal mode of SD3
1 : SD3 is slave of SD2.
2
sd3_fsel
0
RW_SM
Selects between high and low frequency range
0 : 2 or 3MHz frequency (selctable by sd3_frequ)
1 : 3 or 4MHz frequency (selctable by sd3_frequ)
1
sd2_fsel
0
RW_SM
Selects between high and low frequency range
0 : 2 or 3MHz frequency (selctable by sd2_frequ)
1 : 3 or 4MHz frequency (selctable by sd2_frequ)
0sd2_slave
0
RW_SM
Enables slave mode of SD2
0 : Normal mode of SD2
1 : SD2 is slave of SD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com