Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 105 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 105 Page - ams AG

Back Button AS3715 Datasheet HTML 101Page - ams AG AS3715 Datasheet HTML 102Page - ams AG AS3715 Datasheet HTML 103Page - ams AG AS3715 Datasheet HTML 104Page - ams AG AS3715 Datasheet HTML 105Page - ams AG AS3715 Datasheet HTML 106Page - ams AG AS3715 Datasheet HTML 107Page - ams AG AS3715 Datasheet HTML 108Page - ams AG AS3715 Datasheet HTML 109Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 160 page
background image
ams Datasheet, Confidential
Page 105
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Figure 113:
SD4_control2
Addr:2Eh
SD4_control2
Bit
Bit Name
Default
Access
Bit Description
7
temp_sd4_shutdown
0
R
Indicates over temperature >140deg in subdie. Reset
initated if mask_ovtemp=0
6
temp_sd4_alarm
0
R
Indicates over temperature >110deg in subdie
5:4
sdmph_clk_div
0
RW_SM
Divide clock of SD4 by 1, 2 or 4
0 : 2.7MHz
1 : 1.35MHz
2 : 0.675MHz
3 : 0.675MHz
3:2
sd4_startslew
0
RW
Sets the startup slew rate of SD4
0 : 2.5mV / us
1 : 5mV / us
2 : 10mV / us
3 : 20mV / us
1
sd4_nph_auto
0
R
Status of the actual number of phases used ,if phase
switching enabled
0 : 1 phase
1 : 2 phases
0
sd4_phsw_on
0
RW
Switch ON automatic phase switching for sd4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com