Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 119 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 119 Page - ams AG

Back Button AS3715 Datasheet HTML 115Page - ams AG AS3715 Datasheet HTML 116Page - ams AG AS3715 Datasheet HTML 117Page - ams AG AS3715 Datasheet HTML 118Page - ams AG AS3715 Datasheet HTML 119Page - ams AG AS3715 Datasheet HTML 120Page - ams AG AS3715 Datasheet HTML 121Page - ams AG AS3715 Datasheet HTML 122Page - ams AG AS3715 Datasheet HTML 123Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 160 page
background image
ams Datasheet, Confidential
Page 119
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Figure 136:
Stepup_control2
Addr:51h
Stepup_control2
Bit
Bit Name
Default
Access
Bit Description
7:3
stepup2_v
b00000
RW
Defines the tuning current at FB_SU pin
0 : 0 uA
1 : 1 uA
... : ...
31 : 31 uA
2
stepup2_res
0
RW
Gain selection for SU2
0 : If DCDC is used with current feedback
(CURR1,CURR2,CURR3) or if FB_SU is used with current
feedback only (Only R1,C1 connected)
1 : If FB_SU is used with external resistor divider (2
resistors)
1stepup2_freq
0
RW
Selects Stepup2 frequency
0 : 1 MHz
1 : 0.5 MHz
0
stepup2_on
0
RW
ON/OFF control of SU2
0 : OFF
1 : ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com