Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 120 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 120 Page - ams AG

Back Button AS3715 Datasheet HTML 116Page - ams AG AS3715 Datasheet HTML 117Page - ams AG AS3715 Datasheet HTML 118Page - ams AG AS3715 Datasheet HTML 119Page - ams AG AS3715 Datasheet HTML 120Page - ams AG AS3715 Datasheet HTML 121Page - ams AG AS3715 Datasheet HTML 122Page - ams AG AS3715 Datasheet HTML 123Page - ams AG AS3715 Datasheet HTML 124Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 160 page
background image
Page 120
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Register Description
Figure 137:
Stepup_control4
Note(s) and/or Footnote(s):
1. Step_up switched ON all the time. (current sinks are not switched OFF (currX_on=1 all the time), but currX_current masked to 00h
during PWM low time.). During PWM OFF-time then feedback voltage is sampled.
Figure 138:
Stepup_control5
Addr:53h
Stepup_control4
Bit
Bit Name
Default
Access
Bit Description
3
stepup2_pwm_lowf
0
RW
Selects PWM operation of Stepup2
0 : High frequency operation PWM>20kHz.(1)
1 : Low frequency PWM operation: Stepup2_on and
curr1..3_on (if PWM enabled) switched OFF during
PWM low time
2
stepup2_prot_dis
0
RW
DCDC converter 2 overvoltage protection to prevent
damage of external NFET,
if CURR1, CURR2 or CURR3 feedback selected, and no
LED string connected
0 : Switch OFF DCDC step up 2 if the voltage on
FB_SU exceeds 1.25V
1 : Overvoltage protection disabled.
1:0
stepup2_fb
b00
RW_SM
Controls the feedback source
0 : FB_SU enabled ( external resistor divider)
1 : CURR1 feedback enabled (feedback through white
LEDs)
2 : CURR2 feedback enabled (feedback through white
LEDs)
3 : CURR3 feedback enabled (feedback through white
LEDs)
Addr:54h
Stepup_control5
Bit
Bit Name
Default
Access
Bit Description
2
stepup2_clkinv
0
RW
Invert input clock of step up2 converter
0 : Use positive edge of internal clk
1 : Use negative edge of internal clk
3stepup2_pwm_mode
0
RW
Enable PWM mode
0 : Normal operation
1 : PWM mode operation. Feedback is sampled
during PWM offtime, if stepup2_lowf=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com