Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 125 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 125 Page - ams AG

Back Button AS3715 Datasheet HTML 121Page - ams AG AS3715 Datasheet HTML 122Page - ams AG AS3715 Datasheet HTML 123Page - ams AG AS3715 Datasheet HTML 124Page - ams AG AS3715 Datasheet HTML 125Page - ams AG AS3715 Datasheet HTML 126Page - ams AG AS3715 Datasheet HTML 127Page - ams AG AS3715 Datasheet HTML 128Page - ams AG AS3715 Datasheet HTML 129Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 160 page
background image
ams Datasheet, Confidential
Page 125
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Figure 145:
SRAM
Figure 146:
ADC_control
Addr:69h
SRAM
Bit
Bit Name
Default
Access
Bit Description
7:0
SRAM
8h00
RW
Addr:70h
ADC_control
Bit
Bit Name
Default
Access
Bit Description
7
start_conversion
0
R_PUSH1
Starts one ADC conversion. ADC conversion time
t_adc = t_presample + 13*t_adc_clk.
6adc_presample
0
RW
Activation time of analog input multiplexor and S/H
before ADC conversion.
0 : t_presample = 16 us
1 : t_presample = 96 us. Useful for high impedance
signals.
5adc_slow
0
RW
ADC sampling frequency.
0 : t_adc_clk = 4 us, f_adc_clk = 250 kHz (t_adc =
t_presample + 52 us)
1 : t_adc_clk = 16 us, f_adc_clk = 62.5 kHz (t_adc =
t_presample + 208 us)
4gpio_lv
0
RW
0 : High voltage range of GPIO3/4/7/8 (4:1 divider active)
1 : Low voltage range of GPIO3/4/7/8 (1:1 divider, 1.8V
max)
3:0
adc_select
b0000
RW
Selects an ADC channel
0 : BATTEMP NTC (1:1)
1 : Temperature sensor: DIE temperature [C] = adc_result
* 0.866 - 274 (1:1)
2 : CHGIN2 (4:1, 5.5Vmax)
3 : CURR1 (1:1, 1Vmax)
4 : CURR2 (1:1, 1Vmax)
5 : CURR3 (1:1, 1Vmax)
6 : VUSB1(15:1, 15V max)
7 : CHGIN1 (4:1)
8 : VIBAT (4:1)
9 : VSUP (4:1)
10 : VEBAT (4:1)
11 : GPIO3 (4:1 or 1:1)
12 : GPIO4 (4:1 or 1:1)
13 : GPIO7 (4:1 or 1:1)
14 : GPIO8 (4:1 or 1:1)
15 : NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com