Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 128 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 128 Page - ams AG

Back Button AS3715 Datasheet HTML 124Page - ams AG AS3715 Datasheet HTML 125Page - ams AG AS3715 Datasheet HTML 126Page - ams AG AS3715 Datasheet HTML 127Page - ams AG AS3715 Datasheet HTML 128Page - ams AG AS3715 Datasheet HTML 129Page - ams AG AS3715 Datasheet HTML 130Page - ams AG AS3715 Datasheet HTML 131Page - ams AG AS3715 Datasheet HTML 132Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 160 page
background image
Page 128
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Register Description
Figure 152:
InterruptMask3
Figure 153:
InterruptStatus1
Addr:76h
InterruptMask3
Bit
Bit Name
Default
Access
Bit Description
1
gpio_int_m
1
RW
Rising and falling edge
2
gpio_restart_int_m
1
RW
Falling edge
3
en1_int_m
1
RW
Rising and falling edge
4
en2_int_m
1
RW
Rising and falling edge
5
en3_int_m
1
RW
Rising and falling edge
6
en4_int_m
1
RW
Rising and falling edge
7
chdet2_int_m
1
RW
Rising and falling edge
Addr:77h
InterruptStatus1
Bit
Bit Name
Default
Access
Bit Description
7
LowBat_int_i
0
POP
Bit is set when VSUP drops below vres_fall
6
ovtmp_int_i
0
POP
Bit is set when 110deg is exceeded
5
onkey_int_i
0
POP
4chdet1_int_i
0
POP
3eoc_int_i
0
POP
2
resume_int_i
0
POP
1
nobat_int_i
0
POP
0
trickle_int_i
0
POP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com