Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 131 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 131 Page - ams AG

Back Button AS3715 Datasheet HTML 127Page - ams AG AS3715 Datasheet HTML 128Page - ams AG AS3715 Datasheet HTML 129Page - ams AG AS3715 Datasheet HTML 130Page - ams AG AS3715 Datasheet HTML 131Page - ams AG AS3715 Datasheet HTML 132Page - ams AG AS3715 Datasheet HTML 133Page - ams AG AS3715 Datasheet HTML 134Page - ams AG AS3715 Datasheet HTML 135Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 160 page
background image
ams Datasheet, Confidential
Page 131
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Figure 157:
ChargerControl1
Addr:80h
ChargerControl1
Bit
Bit Name
Default
Access
Bit Description
7
cc_eoc_hcurr
1
RW
0 : Low current mode for eoc- and constant-current.
The current is scaled by a factor of 2/5 of the
nominal current value (eoc-current-range=24 -
96mA; constant-current range=300 - 600mA)
1 : High current mode for eoc- and
constant-currrent. The nominal current values are
used.(refer to Reg 82h).
6Auto_Resume
1
RW
5
bat_charging_enable
0
RW
0 : USB is supplying VSUP, but battery switch is
open. USB charger regulates to Vsup_voltage
1 : Normal battery charger operation form usb
charger
4:1
usb_current
b0100
RW_SM
Sets the USB input current limit, if not GPIO
controlled
0 : 94mA (USB low current,also if gpiox_iosf=12 and
gpiox=0)
1 : 187mA
2 : 280mA
3 : 374mA
4 : 463mA (USB high current,also if gpiox_iosf=12
and gpiox=1)
5 : 623mA
6 : 727mA
7 : 841mA
8 : 998mA
9 : 1100mA
10 : 1395mA
11 : 1600mA
12 : 1740mA
13 : 1956mA
14 : 2230mA
15 : 2600mA
0
usb_chgEn
1
RW
ON/OFF control of USB charger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com