Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 136 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 136 Page - ams AG

Back Button AS3715 Datasheet HTML 132Page - ams AG AS3715 Datasheet HTML 133Page - ams AG AS3715 Datasheet HTML 134Page - ams AG AS3715 Datasheet HTML 135Page - ams AG AS3715 Datasheet HTML 136Page - ams AG AS3715 Datasheet HTML 137Page - ams AG AS3715 Datasheet HTML 138Page - ams AG AS3715 Datasheet HTML 139Page - ams AG AS3715 Datasheet HTML 140Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 160 page
background image
Page 136
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Register Description
Figure 162:
Chargersupervision
Addr:85h
Chargersupervision
Bit
Bit Name
Default
Access
Bit Description
7Charging_1Hz_clk
0
RW
Sets the mode for the charging output status
(gpioX_iosf==10)
0 : Normal operation: charging=1, not charging=0
1 : 1Hz blinking operation: charging=1Hz, not
charging=0
6
ovprot_dis
1
RW_SM
Disables external overvoltage protection, function of
XOFF pin
0 : Overvoltage protection enabled
1 : Overvoltage protection disabled
5
dcdc_chmode
1
RW_SM
Enables dcdc charger mode
0 : Linear charger mode enabled
1 : Step down charger enabled
4charging_tmax
1
R_PUSH0
0 : Read: no timeout reached, Write: reset charger
timeout counter
1 : Charging timeout reached and charging stopped
3:0
ch_timeout
b0000
RW
Sets the charger timeout timer
0 : OFF
1 : 0.5 hour
2 : 1 hour
3 : 1.5 hour
4 : 2 hour
5 : 2.5 hour
6 : 3 hour
7 : 3.5 hour
8 : 4 hour
9 : 4.5 hour
10 : 5 hour
11 : 5.5 hour
12 : 6 hour
13 : 6.5 hour
14 : 7 hour
15 : 7.5 hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com