Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 137 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 137 Page - ams AG

Back Button AS3715 Datasheet HTML 133Page - ams AG AS3715 Datasheet HTML 134Page - ams AG AS3715 Datasheet HTML 135Page - ams AG AS3715 Datasheet HTML 136Page - ams AG AS3715 Datasheet HTML 137Page - ams AG AS3715 Datasheet HTML 138Page - ams AG AS3715 Datasheet HTML 139Page - ams AG AS3715 Datasheet HTML 140Page - ams AG AS3715 Datasheet HTML 141Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 160 page
background image
ams Datasheet, Confidential
Page 137
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Register Description
Figure 163:
ChargerStatus1
Addr:86h
ChargerStatus1
Bit
Bit Name
Default
Access
Bit Description
7
Nobat
0
RO
Bit is set if no battery has been detected
6ChDet2
0
RO
Bit is set when external charge adapter has been detected
on pin VCHGIN2
5
EOC
0
RO
Bit is set if End of charge state has been reached
4
CVM
0
RO
Bit is set if charger is operating in constant voltage mode
3
Trickle
0
RO
Bit is set, if charger is operating in trickle current. Vbat<2.9V
2
Resume
0
RO
Bit is set if Battery voltage is below resume level
1
CCM
0
RO
Bit is set if charger is operating in constant current mode
0ChDet1
0
RO
Bit is set when external charge adapter has been detected
on pin VCHGIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com