Electronic Components Datasheet Search
  English  ▼

X  

SY87700AL Datasheet(PDF) 2 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 2 Page - Microchip Technology

  SY87700AL Datasheet HTML 1Page - Microchip Technology SY87700AL Datasheet HTML 2Page - Microchip Technology SY87700AL Datasheet HTML 3Page - Microchip Technology SY87700AL Datasheet HTML 4Page - Microchip Technology SY87700AL Datasheet HTML 5Page - Microchip Technology SY87700AL Datasheet HTML 6Page - Microchip Technology SY87700AL Datasheet HTML 7Page - Microchip Technology SY87700AL Datasheet HTML 8Page - Microchip Technology SY87700AL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SY87700AL
DS20006628A-page 2
2021 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VCC) ................................................................................................................................ –0.5V to +4.0V
Input Voltage (VIN)........................................................................................................................................ –0.5V to VCC
Output Current (IOUT)
Continuous .......................................................................................................................................................±50 mA
Surge..............................................................................................................................................................±100 mA
Operating Ratings ‡
Input Voltage (VCC) ............................................................................................................................... –3.15V to +3.45V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Power Supply Voltage
VCC
3.15
3.3
3.45
V
—
Power Supply Current
ICC
—
120
160
mA
—
PECL 100K DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VCC = VCCO = VCCA = 3.3V ±5%; TA = –40°C to +85°C, unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input HIGH Voltage
VIH
VCC – 1.165
—
VCC – 0.880
V
—
Input LOW Voltage
VIL
VCC – 1.810
—
VCC – 1.475
V
—
Output HIGH Voltage
VOH
VCC – 1.075
—
VCC – 0.830
V
50Ω to VCC – 2V
Output LOW Voltage
VOL
VCC – 1.860
—
VCC – 1.570
V
50Ω to VCC – 2V
Input LOW Current
IIL
0.5
—
—
µA
VIN = VIL(MIN)
TTL DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VCC = VCCO = VCCA = 3.3V ±5%; TA = –40°C to +85°C, unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input HIGH Voltage
VIH
2.0
—
VCC
V
—
Input LOW Voltage
VIL
—
—
0.8
V
—
Output HIGH Voltage
VOH
2.0
—
—
V
IOH = –0.4 mA
Output LOW Voltage
VOL
—
—
0.5
V
IOL = 4 mA
Input HIGH Current
IIH
–175
—
—
µA
VIN = 2.7V, VCC = Max.
—
—
100
µA
VIN = VCC, VCC = Max.
Input LOW Current
IIL
–300
—
—
µA
VIN = 0.5V, VCC = Max.
Output Short-Circuit Current
IOS
–15
—
–100
mA
VOUT = 0V, (Max., 1 sec.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com