Electronic Components Datasheet Search
  English  ▼

X  

SY87700AL Datasheet(PDF) 8 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 8 Page - Microchip Technology

Back Button SY87700AL Datasheet HTML 4Page - Microchip Technology SY87700AL Datasheet HTML 5Page - Microchip Technology SY87700AL Datasheet HTML 6Page - Microchip Technology SY87700AL Datasheet HTML 7Page - Microchip Technology SY87700AL Datasheet HTML 8Page - Microchip Technology SY87700AL Datasheet HTML 9Page - Microchip Technology SY87700AL Datasheet HTML 10Page - Microchip Technology SY87700AL Datasheet HTML 11Page - Microchip Technology SY87700AL Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SY87700AL
DS20006628A-page 8
2021 Microchip Technology Inc. and its subsidiaries
FIGURE 3-2:
Application Example: AC-Coupled I/O.
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
RDINP
RDINN
FREQSEL1
REFCLK
FREQSEL2
FREQSEL3
NC
RDOUTP
RDOUTN
VCCO
RCLKP
RCLKN
VCCO
TCLKP
TCLKN
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
Q1
2N2222A
LED
D1
R1
C1
1μF
R2
C11
1μF
FREQSEL1
FREQSEL2
FREQSEL3
R26
R24
R23
R25
C18
0.01μF
C19
0.01μF
VCC
VEE
VCCA
DIVSEL2
C14
0.01μF
R13
C15
0.01μF
R14
C13
0.01μF
R12
C12
0.01μF
R11
VCCO
C27
0.01μF
R28
C28
0.01μF
R29
VCC
U2
SY89322V
U1
SY87700AL
VEE
VCC
IN0
VEE
VEE
VCC
R22
R21
VEE
R16
R32
C29
0.01μF
R30
SMA10
SMA9
SMA7
SMA4
SMA8
SMA5
VEE
C5
0.01μF
C1
6.8μF
VCCA
VCCA
J2
C7
0.01μF
C6
6.8μF
VCC
VCC
J3
C31
0.01μF
C30
6.8μF
VCCO
VCCO
J6
C9
0.01μF
C8
6.8μF
VEE
VEE
J4
GND
J5
CLKSEL
R15
Pin 11
Pin 12
Pin 13
C24
0.1μF
C25
0.1μF
C26
0.1μF
VEE
Pin 19
Pin 22
C21
0.1μF
C22
0.1μF
VCCO
Pin 27
C20
0.1μF
VCC
Pin 30
C23
0.1μF
VCCA
DIP
switch
VEE
CD
FREQSEL1
FREQSEL2
FREQSEL3
DIVSEL1
DIVSEL2
CLKSEL
R10
1k
R9
1k
R8
1k
R7
1k
R6
1k
R5
1k
R3
1k
VCC
R27
1k
SMA1
SMA2
SMA3
R31
DIVSEL1
VEE
VCCO
GND
IN1
IN0
VCC
/Q1
Q1
/Q
Q0
SMA6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com