Electronic Components Datasheet Search
  English  ▼

X  

SY87700AL Datasheet(PDF) 4 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 4 Page - Microchip Technology

  SY87700AL Datasheet HTML 1Page - Microchip Technology SY87700AL Datasheet HTML 2Page - Microchip Technology SY87700AL Datasheet HTML 3Page - Microchip Technology SY87700AL Datasheet HTML 4Page - Microchip Technology SY87700AL Datasheet HTML 5Page - Microchip Technology SY87700AL Datasheet HTML 6Page - Microchip Technology SY87700AL Datasheet HTML 7Page - Microchip Technology SY87700AL Datasheet HTML 8Page - Microchip Technology SY87700AL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SY87700AL
DS20006628A-page 4
2021 Microchip Technology Inc. and its subsidiaries
2.0
PIN DESCRIPTIONS
Package Type
The descriptions of the pins are listed in Table 2-1.
SY87700AL
32-Lead TQFP (M)
(Top View)
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number Pin Name
Description
Inputs
2
3
RDINP
RDINN
Serial Data Input. Differential PECL: These built-in line receiver inputs are connected to
the differential receive serial data stream. An internal receive PLL recovers the
embedded clock (RCLK) and data (RDOUT) information. The incoming data rate can be
within one of eight frequency ranges depending on the state of the FREQSEL pins. See
“Frequency Selection” Table.
5
REFCLK
Reference Clock. TTL Input: This input is used as the reference for the internal frequency
synthesizer and the “training” frequency for the receiver PLL to keep it centered in the
absence of data coming in on the RDIN inputs
26
CD
Carrier Detect. PECL Input: This input controls the recovery function of the Receive PLL
and can be driven by the carrier detect output of optical modules or from external
transition detection circuitry. When this input is HIGH the input data stream (RDIN) is
recovered normally by the Receive PLL. When this input is LOW the data on the inputs
RDIN will be internally forced to a constant LOW, the data outputs RDOUT will remain
LOW, the Link Fault Indicator output LFIN forced LOW and the clock recovery PLL forced
to lock onto the clock frequency generated from REFCLK.
4
6
7
FREQSEL1
FREQSEL2
FREQSEL3
Frequency Select. TTL Inputs: These inputs select the output clock frequency range as
shown in the “Frequency Selection” Table.
32
25
DIVSEL1
DIVSEL2
Divider Select. TTL Inputs: These inputs select the ratio between the output clock
frequency (RCLK/TCLK) and the REFCLK input frequency as shown in the “Reference
Frequency Selection” Table.
16
CLKSEL
Clock Select. TTL Input: This input is used to select either the recovered clock of the
receiver PLL (CLKSEL = HIGH) or the clock of the frequency synthesizer (CLKSEL =
LOW) to the TCLK outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com