Electronic Components Datasheet Search
  English  ▼

X  

SY87700AL Datasheet(PDF) 12 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 12 Page - Microchip Technology

Back Button SY87700AL Datasheet HTML 8Page - Microchip Technology SY87700AL Datasheet HTML 9Page - Microchip Technology SY87700AL Datasheet HTML 10Page - Microchip Technology SY87700AL Datasheet HTML 11Page - Microchip Technology SY87700AL Datasheet HTML 12Page - Microchip Technology SY87700AL Datasheet HTML 13Page - Microchip Technology SY87700AL Datasheet HTML 14Page - Microchip Technology SY87700AL Datasheet HTML 15Page - Microchip Technology SY87700AL Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SY87700AL
DS20006628A-page 12
2021 Microchip Technology Inc. and its subsidiaries
4.0
LAYOUT AND GENERAL SUGGESTIONS
• Establish controlled impedance stripline,
microstrip, or coplanar construction techniques.
• Signal paths should have approximately the same
width as the device pads.
• All differential paths are critical timing paths,
where skew should be matched to within ±10 ps.
• Signal trace impedance should not vary more
than ±5%. If in doubt, perform TDR analysis of all
high-speed signal traces.
• Maintain compact filter networks as close to filter
pins as possible. Provide ground plane relief
under filter path to reduce stray capacitance. Be
careful of crosstalk coupling into the filter network.
• Maintain low jitter on the REFCLK input. Isolate
the XTAL oscillator from power supply noise by
adequately decoupling. Keep XTAL oscillator
close to device, and minimize capacitive coupling
from adjacent signals.
• Higher speed operation may require use of
fundamental-tone (third-overtone typically has
more jitter) crystal-based oscillator for optimum
performance. Evaluate and compare candidates
by measuring TXCLK jitter.
• All unused outputs must be terminated. To
conserve power, unused PECL outputs can be
terminated with a 1 kΩ resistor to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com