Electronic Components Datasheet Search
  English  ▼

X  

SY87700AL Datasheet(PDF) 7 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 7 Page - Microchip Technology

Back Button SY87700AL Datasheet HTML 3Page - Microchip Technology SY87700AL Datasheet HTML 4Page - Microchip Technology SY87700AL Datasheet HTML 5Page - Microchip Technology SY87700AL Datasheet HTML 6Page - Microchip Technology SY87700AL Datasheet HTML 7Page - Microchip Technology SY87700AL Datasheet HTML 8Page - Microchip Technology SY87700AL Datasheet HTML 9Page - Microchip Technology SY87700AL Datasheet HTML 10Page - Microchip Technology SY87700AL Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006628A-page 7
SY87700AL
FIGURE 3-1:
Loop Filter Components.
TABLE 3-1:
FREQUENCY SELECTION TABLE
FREQSEL1
FREQSEL2
FREQSEL3
fVCO/fRCLK
fRCLK Data Rates
0
1
1
6
125 Mbps to 208 Mbps
1
0
0
8
94 Mbps to 156 Mbps
1
0
1
12
63 Mbps to 104 Mbps
1
1
0
16
47 Mbps to 78 Mbps
1
1
1
24
32 Mbps to 52 Mbps
0
1
0
—
Undefined
0
0
X (Note 2)
—
Undefined
Note 1: SY87700AL operates from 32 MHz to 208 MHz. For higher speed applications, the SY87701AL operates
from 28 MHz to 1300 MHz.
2: X is a Don’t Care.
TABLE 3-2:
REFERENCE FREQUENCY SELECTION
DIVSEL1
DIVSEL2
fRCLK/fREFCLK
0
0
8
0
1
10
1
0
16
1
1
20
R5
C3
PLLSP
PLLSN
R6
C4
PLLRP
PLLRN
Note:
Suggested values. Values may vary for different applications.
R5 = 350Ω
C3 = 1.0 µF (X7R Dielectric)
R6 = 680Ω
C4 = 1.0 µF (X7R Dielectric)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com