Electronic Components Datasheet Search
  English  ▼

X  

SY87700AL Datasheet(PDF) 11 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 11 Page - Microchip Technology

Back Button SY87700AL Datasheet HTML 7Page - Microchip Technology SY87700AL Datasheet HTML 8Page - Microchip Technology SY87700AL Datasheet HTML 9Page - Microchip Technology SY87700AL Datasheet HTML 10Page - Microchip Technology SY87700AL Datasheet HTML 11Page - Microchip Technology SY87700AL Datasheet HTML 12Page - Microchip Technology SY87700AL Datasheet HTML 13Page - Microchip Technology SY87700AL Datasheet HTML 14Page - Microchip Technology SY87700AL Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006628A-page 11
SY87700AL
TABLE 3-4:
BILL OF MATERIALS (DC-COUPLED)
Item
Part Number
Manufacturer
Description
Qty.
C6
293D685X0025B2T
Vishay
6.8 µF, 25V, Tantalum Capacitor, Size B
1
C7
VJ206Y103JXJAT
Vishay
0.01 µF Ceramic Capacitor, Size 1206, X7R
Dielectric
1
C10, C11 VJ0603Y105JXJAT
Vishay
1.0 µF Ceramic Capacitor, Size 0603, X7R
Dielectric
2
C12 - C15,
C18, C19,
C27, C28
VJ0402Y104JXJAT
Vishay
0.1 µF Ceramic Capacitor, Size 0402, X7R
Dielectric
8
C20 - C26 VJ0402Y104JXJAT
Vishay
0.01 µF Ceramic Capacitor, Size 1206, X7R
Dielectric
7
D1
P301-ND
Panasonic
LED Diode, T-1 3/4, Red Clear
1
D2
P300-ND/P301-ND
Vishay
T-1 3/4, Red LED
1
J2, J3,
J4, J6
111-0702-001
Johnson
Components
Red, Insulated Thumb Nut Binding Post
(Jumped Together)
4
J5
BLM21A102F
Murata
Black, Insulated Thumb Nut Binding Post, GND
(Jumped to VEE)
1
Q1
459-2598-5-ND
NTE
2N2222A Buffer/Driver Transistor, NPN
1
R1
CRCW04023500F
Vishay
350Ω Resistor, 2%, Size 0402
1
R2
CRCW04026800F
Vishay
680Ω Resistor, 2%, Size 0402
1
R3 - R10 CRCW04021001F
Vishay
1 kΩ Pull-up Resistor, 2%, Size 1206
8
R15, R16,
R30, R32 CRCW04021820F
Vishay
182Ω Resistor, 2%, Size 0402
4
R21
CRCW06031300F
Vishay
130Ω Resistor, 2%, Size 0603
1
R22
CRCW04021820F
Vishay
12.1 kΩ Resistor, 2%, Size 1206
1
R23, R24 CRCW04022825F
Vishay
82Ω Resistor, 2%, Size 0402
2
R27
CRCW0402OOR0F
Vishay
0Ω Resistor, 2%, Size 0402
1
R31
CRCW04025000F
Vishay
50Ω Resistor, 2%, Size 0402
1
SMA1 -
SMA10
142-0701-851
Johnson
Components
End Launch SMA Jack
10
SP1 - SP6 —
—
Solder Jump Option
6
SW1
CT2068-ND
CTS
8-Position, Top Actuated Slide Dip Switch
1
U1
SY87700AL
Microchip
Low-Power 3.3V 28 Mbps to 216 Mbps
AnyRate® Clock and Data Recovery
1
U2
SY89322V
Microchip
3.3/5V Dual LVTTL/LVCMOS-to-Differential
LVPECL Translator
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com