Electronic Components Datasheet Search
  English  ▼

X  

SY87700AL Datasheet(PDF) 6 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 6 Page - Microchip Technology

Back Button SY87700AL Datasheet HTML 2Page - Microchip Technology SY87700AL Datasheet HTML 3Page - Microchip Technology SY87700AL Datasheet HTML 4Page - Microchip Technology SY87700AL Datasheet HTML 5Page - Microchip Technology SY87700AL Datasheet HTML 6Page - Microchip Technology SY87700AL Datasheet HTML 7Page - Microchip Technology SY87700AL Datasheet HTML 8Page - Microchip Technology SY87700AL Datasheet HTML 9Page - Microchip Technology SY87700AL Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SY87700AL
DS20006628A-page 6
2021 Microchip Technology Inc. and its subsidiaries
3.0
FUNCTIONAL DESCRIPTION
Functional Block Diagram
3.1
Clock Recovery
Clock recovery, as shown in the block diagram,
generates a clock that is at the same frequency as the
incoming data bit rate at the serial data input. The clock
is phase aligned by a PLL so that it samples the data in
the center of the data eye pattern.
The phase relationship between the edge transitions of
the data and those of the generated clock are
compared by a phase/frequency detector. Output
pulses from the detector indicate the required direction
of phase correction. These pulses are smoothed by an
integral loop filter. The output of the loop filter controls
the frequency of the Voltage Controlled Oscillator
(VCO), which generates the recovered clock.
Frequency stability, without incoming data, is
guaranteed by an alternate reference input (REFCLK)
that the PLL locks onto when data is lost. If the
frequency of the incoming signal varies by greater than
approximately 1000 ppm with respect to the
synthesizer frequency, the PLL will be declared out of
lock, and the PLL will lock to the reference clock.
The loop filter transfer function is optimized to enable
the PLL to track the jitter, yet tolerate the minimum
transition density expected in a received SONET data
signal. This transfer function yields a 30 µs data stream
of continuous 1's or 0's for random incoming NRZ data.
3.2
Lock Detect
The SY87700AL contains a link fault indication circuit,
which monitors the integrity of the serial data inputs. If
the received serial data fails the frequency test, then
the PLL will be forced to lock to the local reference
clock. This will maintain the correct frequency of the
recovered clock output under loss of signal or loss of
lock conditions. If the recovered clock frequency
deviates from the local reference clock frequency by
more than approximately 1000 ppm, the PLL will be
declared out of lock. The lock detect circuit will poll the
input data stream in an attempt to reacquire lock to
data. If the recovered clock frequency is determined to
be within approximately 1000 ppm, the PLL will be
declared in lock and the lock detect output will go
active.
During the interval when the CDR is not locked onto the
RDIN input, the LFIN output will not be a static LOW,
but will be changing.
PHASE
DETECTOR
PHASE/
FREQUENCY
DETECTOR
CHARGE
PUMP
VCO
CHARGE
PUMP
VCO
LINK
FAULT
DETECTOR
DIVIDER
BY 8, 10, 16, 20
REFCLK
CD
RDINN
RDINP
PLLR P/N
CLKSEL
RDOUTP
RCLKP
RCLKN
RDOUTN
LFIN
FREQSEL 1/2/3
PLLS P/N
DIVSEL 1/2
SY87700AL
TCLKP
TCLKN
VCC
VCCA
VCCO
GND
1
0
(PECL)
(PECL)
(TTL)
(TTL)
(PECL)
(TTL)
(PECL)
(PECL)
(TTL)
(TTL)
0
1
PHASE/
FREQUENCY
DETECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com