Electronic Components Datasheet Search
  English  ▼

X  

SY87700AL Datasheet(PDF) 1 Page - Microchip Technology

Part # SY87700AL
Description  Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY87700AL Datasheet(HTML) 1 Page - Microchip Technology

  SY87700AL Datasheet HTML 1Page - Microchip Technology SY87700AL Datasheet HTML 2Page - Microchip Technology SY87700AL Datasheet HTML 3Page - Microchip Technology SY87700AL Datasheet HTML 4Page - Microchip Technology SY87700AL Datasheet HTML 5Page - Microchip Technology SY87700AL Datasheet HTML 6Page - Microchip Technology SY87700AL Datasheet HTML 7Page - Microchip Technology SY87700AL Datasheet HTML 8Page - Microchip Technology SY87700AL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006628A-page 1
SY87700AL
Features
• 3.3V Power Supply
• SONET/SDH/ATM Compatible
• Clock and Data Recovery from 32 Mbps Up to
208 Mbps NRZ Data Stream; Clock Generation
from 32 Mbps to 208 Mbps
• Two On-Chip PLLs: One for Clock Generation
and Another for Clock Recovery
• Selectable Reference Frequencies
• Differential PECL High-Speed Serial I/O
• Line Receiver Input: No External Buffering
Needed
• Link Fault Indication
• 100K ECL-Compatible I/O
• Industrial Temperature Range: –40°C to +85°C
• Low Power: Fully Compatible SY87700V, but
Consumes 30% Less Power
• Available in a 32-Lead ePAD TQFP Package
Applications
• SONET/SDH/ATM OC-1 and OC-3
• Fast Ethernet, SMPTE 259
• Proprietary Architecture Up to 208 Mbps
General Description
The SY87700AL is a complete clock recovery and data
re-timing integrated circuit for data rates from 32 Mbps
up to 208 Mbps NRZ. The device is ideally suited for
SONET/SDH/ATM applications and other high-speed
data transmission systems.
Clock recovery and data re-timing is performed by
synchronizing the on-chip VCO directly to the incoming
data stream. The VCO center frequency is controlled
by the reference clock frequency and the selected
divide ratio. On-chip clock generation is performed
through the use of a frequency multiplier PLL with a
byte rate source as reference.
The SY87700AL also includes a link fault detection
circuit.
Low-Power, 3.3V, 32 Mbps to 208 Mbps
AnyRate® Clock and Data Recovery


Similar Part No. - SY87700AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700AL MICREL-SY87700AL Datasheet
638Kb / 16P
Low-Power, 3.3V, 32Mbps to 208Mbps AnyRate Clock and Data Recovery
SY87700ALHG MICREL-SY87700ALHG Datasheet
638Kb / 16P
Low-Power, 3.3V, 32Mbps to 208Mbps AnyRate Clock and Data Recovery
SY87700ALHG MICREL-SY87700ALHG Datasheet
567Kb / 16P
Low-Power, 3.3V, 32Mbps to 208Mbps AnyRate Clock and Data Recovery
SY87700ALZG MICREL-SY87700ALZG Datasheet
638Kb / 16P
Low-Power, 3.3V, 32Mbps to 208Mbps AnyRate Clock and Data Recovery
SY87700ALZG MICREL-SY87700ALZG Datasheet
567Kb / 16P
Low-Power, 3.3V, 32Mbps to 208Mbps AnyRate Clock and Data Recovery
More results

Similar Description - SY87700AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY69753L MICREL-SY69753L Datasheet
86Kb / 9P
3.3V 125 MBPS 155 MBPS CLOCK AND DATA RECOVERY
logo
Analog Devices
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
622 Mbps Clock and Data Recovery IC
2/06-Revision 0
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
logo
Analog Devices
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2855 AD-ADN2855 Datasheet
369Kb / 20P
Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
4/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com