Electronic Components Datasheet Search
  English  ▼

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 29Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 30Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 31Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 32Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 33Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 34Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 35Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 36Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
33 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
11. Limiting values
[1]
Pass level; Human Body Model (HBM) according to Ref. 10 “JESD22-A114”.
[2]
Pass level; latch-up testing according to Ref. 11 “JESD78” at maximum ambient temperature (Tamb(max)).
[3]
According to the store and transport requirements (see Ref. 14 “UM10569”) the devices have to be stored at a temperature of +8
C to
+45
C and a humidity of 25 % to 75 %.
Table 19.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
VLCD
LCD supply voltage
0.5
+9.0
V
VI
input voltage
on each of the pins CLK,
SDA, SCL, SYNC, SA0,
OSC, A0, A1, T1
0.5
+6.5
V
VO
output voltage
on each of the pins S0 to
S39, BP0 to BP3
0.5
+9.0
V
II
input current
10
+10
mA
IO
output current
10
+10
mA
IDD
supply current
50
+50
mA
IDD(LCD)
LCD supply current
50
+50
mA
ISS
ground supply current
50
+50
mA
Ptot
total power dissipation
-
400
mW
Po
output power
-
100
mW
VESD
electrostatic discharge
voltage
HBM
[1] -
5000
V
Ilu
latch-up current
VLU(VLCD) =11.5 V
[2] -200
mA
Tstg
storage temperature
[3]
65
+150
C
Tamb
ambient temperature
operating device
40
+105
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com