Electronic Components Datasheet Search
  English  ▼

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 4Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 5Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 6Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 7Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 8Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 9Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 10Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 11Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
8 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
Remark: A clock signal must always be supplied to the device; removing the clock may
freeze the LCD in a DC state, which is not suitable for the liquid crystal.
7.2.3 Timing and frame frequency
The PCA8576F timing controls the internal data flow of the device. This includes the
transfer of display data from the display RAM to the display segment outputs. In cascaded
applications, the correct timing relationship between each PCA8576F in the system is
maintained by the synchronization signal at pin SYNC. The timing also generates the LCD
frame signal whose frequency is derived from the clock frequency. The frame signal
frequency is a fixed division of the clock frequency from either the internal or an external
clock:
.
7.2.4 Blinking
The display blinking capabilities of the PCA8576F are very versatile. The whole display
can blink at frequencies selected by the blink-select command (see Table 11). The blink
frequencies are derived from the clock frequency. The ratio between the clock and blink
frequencies depends on the blink mode selected (see Table 11).
An additional feature is for an arbitrary selection of LCD segments/elements to blink. This
applies to the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the blink frequency. This mode can
also be specified by the blink-select command.
In the 1:3 and 1:4 multiplex modes, where no alternative RAM bank is available, groups of
LCD segments/elements can blink by selectively changing the display RAM data at fixed
time intervals.
The entire display can blink at a frequency other than the nominal blink frequency. This
can be effectively performed by resetting and setting the display enable bit E at the
required rate using the mode-set command (see Table 7).
[1]
Blink modes 1, 2 and 3 and the nominal blink frequencies correspond to an oscillator frequency (fclk) of
4800 Hz (see Section 13).
f
fr
f
clk
24
-------
=
Table 12.
Blinking frequencies
Blink mode
Normal operating mode ratio
Nominal blink frequency[1]
Unit
off
-
blinking off
Hz
16.2
Hz
23.1
Hz
31.6
Hz
f
clk
768
----------
f
clk
1536
-------------
f
clk
3072
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com