| Electronic Components Datasheet Search |
|
PCA8576FUG/2DA/Q1 Datasheet(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8576FUG/2DA/Q1 Datasheet(HTML) 48 Page - NXP Semiconductors |
|
48 / 54 page ![]() PCA8576F All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 3 — 3 December 2014 48 of 54 NXP Semiconductors PCA8576F Automotive 40 × 4 LCD driver 19. Abbreviations 20. References [1] AN10170 — Design guidelines for COG modules with NXP monochrome LCD drivers [2] AN10365 — Surface mount reflow soldering description [3] AN10706 — Handling bare die [4] AN10853 — ESD and EMC sensitivity of IC [5] AN11267 — EMC and system level ESD design guidelines for LCD drivers [6] AN11494 — Cascading NXP LCD segment drivers [7] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [8] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [9] IPC/JEDEC J-STD-020D — Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [10] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [11] JESD78 — IC Latch-Up Test [12] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [13] UM10204 — I2C-bus specification and user manual [14] UM10569 — Store and transport requirements Table 29. Abbreviations Acronym Description CDM Charged-Device Model CMOS Complementary Metal-Oxide Semiconductor HBM Human Body Model ITO Indium Tin Oxide LCD Liquid Crystal Display LSB Least Significant Bit MM Machine Model MSB Most Significant Bit MSL Moisture Sensitivity Level PCB Printed Circuit Board RAM Random Access Memory RMS Root Mean Square SCL Serial CLock line SDA Serial DAta line SMD Surface Mount Device |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |