Electronic Components Datasheet Search
  English  ▼

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 3Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 4Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 5Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 6Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 7Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 8Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 9Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 10Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
7 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
7.1.4 Command: bank-select
[1]
The bank-select command has no effect in 1:3 and 1:4 multiplex drive modes.
7.1.5 Command: blink-select
[1]
Normal blinking is assumed when the LCD multiplex drive modes 1:3 or 1:4 are selected.
[2]
Alternate RAM bank blinking does not apply in 1:3 and 1:4 multiplex drive modes.
7.2 Clock and frame frequency
7.2.1 Internal clock
The internal logic of the PCA8576F and its LCD drive signals are timed either by its
internal oscillator or by an external clock. The internal oscillator is enabled by connecting
pin OSC to pin VSS. If the internal oscillator is used, the output from pin CLK can be used
as the clock signal for several PCA8576Fs in the system that are connected in cascade.
7.2.2 External clock
Pin CLK is enabled as an external clock input by connecting pin OSC to VDD. The LCD
frame signal frequency is determined by the clock frequency (fclk).
Table 10.
Bank-select command bit description
See Section 7.3.8.2 and Section 7.3.8.3.
Bit
Symbol
Value
Description
Static
1:2 multiplex[1]
7
C
0, 1
see Table 6
6 to 2
-
11110
fixed value
1I
input bank selection; storage of arriving display data
0
RAM row 0
RAM rows 0 and 1
1
RAM row 2
RAM rows 2 and 3
0O
output bank selection; retrieval of LCD display data
0
RAM row 0
RAM rows 0 and 1
1
RAM row 2
RAM rows 2 and 3
Table 11.
Blink-select command bit description
See Section 7.2.4.
Bit
Symbol
Value
Description
7C
0, 1see Table 6
6 to 3
-
1110
fixed value
2AB
blink mode selection
0
normal blinking[1]
1
alternate RAM bank blinking[2]
1 to 0
BF[1:0]
blink frequency selection
00
off
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com