Electronic Components Datasheet Search
  English  ▼

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 31Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 32Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 33Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 34Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 35Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 36Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 37Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 38Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
35 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
Tamb =30 C; 1:4 multiplex drive mode; VLCD = 6.5 V; fclk(ext) = 1.536 kHz; all RAM written with
logic 1; no display connected; I2C-bus inactive.
Fig 26. Typical IDD with respect to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com