Electronic Components Datasheet Search
  English  ▼

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 34Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 35Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 36Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 37Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 38Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 39Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 40Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 41Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
38 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
14. Application information
14.1 Cascaded operation
In large display configurations, up to 8 PCA8576Fs can be differentiated on the same
I2C-bus by using the 2-bit hardware subaddresses (A0 and A1) and the programmable
I2C-bus slave address (SA0).
PCA8576Fs connected in cascade are synchronized to allow the backplane signals from
only one device in the cascade to be shared. This arrangement is cost-effective in large
LCD applications since the backplane outputs of only one device need to be
through-plated to the backplane electrodes of the display. The other PCA8576F of the
cascade contribute additional segment outputs. The backplanes can either be connected
together to enhance the drive capability or some can be left open-circuit (such as the ones
from the slave in Figure 29) or just some of the master and some of the slave will be taken
to facilitate the layout of the display.
All PCA8576Fs connected in cascade are correctly synchronized by the automatically
generated SYNC signal. The only time that SYNC is likely to be needed is if
synchronization is lost accidentally, for example, by noise in adverse electrical
environments, or if the LCD multiplex drive mode is changed in an application using
several cascaded PCA8576Fs, as the drive mode cannot be changed on all of the
cascaded devices simultaneously. SYNC can be either an input or an output signal; a
SYNC output is implemented as an open-drain driver with an internal pull-up resistor.
The PCA8576F asserts SYNC at the start of its last active backplane signal and monitors
the SYNC line at all other times. If cascade synchronization is lost, it is restored by the first
PCA8576F to assert SYNC. The timing relationship between the backplane waveforms
and the SYNC signal for each LCD drive mode is shown in Figure 30.
The contact resistance between the SYNC on each cascaded device must be controlled.
If the resistance is too high, the device is not able to synchronize properly; this is
particularly applicable to chip-on-glass applications. The maximum SYNC contact
resistance allowed for the number of devices in cascade is given in Table 23.
Table 22.
Addressing cascaded PCA8576F
Cluster
Bit SA0
Pin A1
Pin A0
Device
10
000
011
102
113
21
004
015
106
117
Table 23.
SYNC contact resistance
Number of devices
Maximum contact resistance
26 k
3 to 5
2.2 k
6 to 8
1.2 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com