Electronic Components Datasheet Search
  English  ▼

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA8576FUG/2DA/Q1 Datasheet HTML 1Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 2Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 3Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 4Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 5Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 6Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 7Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 8Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
4 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
6.2 Pin description
[1]
The substrate (rear side of the die) is at VSS potential and must not be connected.
Table 4.
Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Description
SDA
1, 58, 59
I2C-bus serial data input and output
SCL
2, 3
I2C-bus serial clock input
CLK
5
external clock input or output
VDD
6
supply voltage
SYNC
4
cascade synchronization input or output; if not used it
must be left open
OSC
7
internal oscillator enable input
A0, A1
8, 9
subaddress inputs
T1
10
dedicated testing pin; to be tied to VSS in application
mode
SA0
11
I2C-bus address input; bit 0
VSS
12[1]
ground supply voltage
VLCD
13
LCD supply voltage
BP0, BP2, BP1,
BP3
14 to 17
LCD backplane outputs
S0 to S39
18 to 57
LCD segment outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com