Electronic Components Datasheet Search
  English  ▼

X  

PCA8576FUG/2DA/Q1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/Q1
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/Q1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/Q1 Datasheet HTML 2Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 3Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 4Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 5Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 6Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 7Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 8Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 9Page - NXP Semiconductors PCA8576FUG/2DA/Q1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
6 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
7.1.1 Command: mode-set
[1]
The possibility to disable the display allows implementation of blinking under external control.
[2]
The display is disabled by setting all backplane and segment outputs to VLCD.
[3]
Not applicable for static drive mode.
7.1.2 Command: load-data-pointer
7.1.3 Command: device-select
Table 7.
Mode-set command bit description
Bit
Symbol
Value
Description
7C
0, 1see Table 6
6, 5
-
10
fixed value
4
-
-
unused
3E
display status[1]
0
disabled (blank)[2]
1
enabled
2B
LCD bias configuration[3]
0
1⁄3 bias
1
1⁄2 bias
1 to 0
M[1:0]
LCD drive mode selection
01
static; BP0
10
1:2 multiplex; BP0, BP1
11
1:3 multiplex; BP0, BP1, BP2
00
1:4 multiplex; BP0, BP1, BP2, BP3
Table 8.
Load-data-pointer command bit description
See Section 7.3.5.
Bit
Symbol
Value
Description
7C
0, 1see Table 6
6
-
0
fixed value
5 to 0
P[5:0]
000000 to
100111
6 bit binary value, 0 to 39; transferred to the data pointer to
define one of forty display RAM addresses
Table 9.
Device-select command bit description
See Section 7.3.6.
Bit
Symbol
Value
Description
7C
0, 1see Table 6
6 to 2
-
11000
fixed value
1 to 0
A[1:0]
00 to 11
2-bit binary value, 0 to 3; transferred to the subaddress
counter to define one of four hardware subaddresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com