Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8675
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8675 Datasheet HTML 28Page - Analog Devices AD8675 Datasheet HTML 29Page - Analog Devices AD8675 Datasheet HTML 30Page - Analog Devices AD8675 Datasheet HTML 31Page - Analog Devices AD8675 Datasheet HTML 32Page - Analog Devices AD8675 Datasheet HTML 33Page - Analog Devices AD8675 Datasheet HTML 34Page - Analog Devices AD8675 Datasheet HTML 35Page - Analog Devices AD8675 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Data Sheet
AD3551R
THEORY OF OPERATION
analog.com
Rev. 0 | 32 of 60
Register Map SPI Access Modes
The register map is divided in two regions, primary and secondary.
The registers related to interface configuration, DAC configuration,
and error flags are comprised in the primary region from Address
0x0 to Address 0x1E. If the QSPI pin is low, this region can only be
accessed in classic SPI mode with or without DDR, regardless of
the value of MULTI_IO_MODE in the TRANSFER_REGISTER.
The registers affecting the output value of the DAC are comprised
in the secondary region from Address 0x28 to Address 0x48. This
region can be accessed in any of the SPI modes, with or without
DDR.
If the QSPI pin is high, the interface is configured in full quad
SPI mode for any communication to primary or secondary region
registers.
Figure 85. Register Access Modes
SDIO Drive Strength
The driving strength of the SDIO lines on Pins 5, 6, 7 and
8 can be configured to four different levels by setting the
SDIO_DRIVE_STRENGTH bits in the INTERFACE_CONFIG_D
register.
Higher drive strength value corresponds to a faster signal slew rate,
as shown in Figure 86. However, higher slew rate means higher
peak current and higher digital noise in the system. The default
value is medium low strength.
Figure 86. Driving Strength Options
DAC UPDATE MODES
There are several ways to update the DAC output, synchronously
or asynchronously, directly or indirectly.
A synchronous update occurs when the change of the DAC output
is triggered by an external signal, such as LDAC, which can be
common to many devices. In this case, the controller loads a value
in the input register that is later transferred to the DAC register
on the falling edge of the LDAC signal, causing the simultaneous
update of all VOUT signals.
To update the DAC using the LDAC signal, the
HW_LDAC_MASK_CH0 bit in the HW_LDAC_16B or
HW_LDAC_24B register, depending on the precision mode, must
be set to 0.
An asynchronous update occurs when the change of the DAC
output follows an operation on the register set. In this case, the
change is aligned with the SCLK edge that shifts the last register
bit in. The several combinations to update the DAC output are
described in Table 13.
Page mask registers are provided for compatibility with the multi-
channel devices, AD3552R and AD3542R. To update the DAC
using the page registers, the value of the SEL_CH0 bit in the
CH_SELECT_16B or CH_SELECT_24B register must be set to
1. Writing to the DAC_PAGE register transfers the data to the
CH0_DAC register and writing to the INPUT_PAGE register trans-
fers the data to the CH0_INPUT register. The data flow between
registers is summarized in Figure 87.
CHx_INPUT
CHx_DAC
INPUT_PAGE
DAC_PAGE
SEL_CHx
HW_LDAC_MASK_CHx
LDAC LOW
LDAC PULSED
Figure 87. DAC Data Flow Between Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com