Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 40 Page - Analog Devices

Part # AD8675
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD8675 Datasheet HTML 36Page - Analog Devices AD8675 Datasheet HTML 37Page - Analog Devices AD8675 Datasheet HTML 38Page - Analog Devices AD8675 Datasheet HTML 39Page - Analog Devices AD8675 Datasheet HTML 40Page - Analog Devices AD8675 Datasheet HTML 41Page - Analog Devices AD8675 Datasheet HTML 42Page - Analog Devices AD8675 Datasheet HTML 43Page - Analog Devices AD8675 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Data Sheet
AD3551R
REGISTERS
analog.com
Rev. 0 | 40 of 60
INTERFACE REGISTER DETAILS
Interface Configuration A Register
Address: 0x00, Reset: 0x10, Name: INTERFACE_CONFIG_A
Interface configuration settings.
Table 18. Bit Descriptions for INTERFACE_CONFIG_A
Bits
Bit Name
Settings
Description
Reset
Access
7
SW_RESET_MSB
First of Two Software Reset Bits. Setting both software reset bits
(SW_RESET_MSB and SW_RESET_LSB) in a single SPI write performs a
software device reset, returning all registers (except the INTERFACE_CONFIG_A
register) to the default power-up state.
0x0
R/W
0 Do nothing.
1 Initiates a software reset if the SW_RESET_LSB bit is also set to 1 in the same
register write transaction.
6
RESERVED
Reserved.
0x0
R
5
ADDR_DIRECTION
Address Direction Bit. Determines sequential addressing behavior when
performing register reads and writes on multiple bytes of data in a single data
phase.
0x0
R/W
0 Address descending. Address accessed is automatically decremented by one for
each data byte when streaming or addressing multibyte registers.
1 Address ascending. Address accessed is automatically incremented by one for
each data byte when streaming or addressing multibyte registers.
4
SDO_ACTIVE
SDO Pin Enabled.
0x1
R
[3:1]
RESERVED
Reserved.
0x0
R
0
SW_RESET_LSB
Second of Two Software Reset Bits. Setting both software reset bits
(SW_RESET_MSB and SW_RESET_LSB) in a single SPI write performs a
software device reset, returning all registers (except the INTERFACE_CONFIG_A
register) to the default power-up state.
0x0
R/W
0 Do nothing.
1 Initiates a software reset if the SW_RESET_LSB bit is also set to 1 in the same
register write transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com