Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 52 Page - Analog Devices

Part # AD8675
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD8675 Datasheet HTML 48Page - Analog Devices AD8675 Datasheet HTML 49Page - Analog Devices AD8675 Datasheet HTML 50Page - Analog Devices AD8675 Datasheet HTML 51Page - Analog Devices AD8675 Datasheet HTML 52Page - Analog Devices AD8675 Datasheet HTML 53Page - Analog Devices AD8675 Datasheet HTML 54Page - Analog Devices AD8675 Datasheet HTML 55Page - Analog Devices AD8675 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Data Sheet
AD3551R
REGISTERS
analog.com
Rev. 0 | 52 of 60
Table 38. Bit Descriptions for CH0_OUTPUT_RANGE
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
CH0_OUTPUT_RANGE_SEL
Channel 0 Output Range Select. The user can select which voltage
output range is desired.
0x0
R/W
000 0 V to 2.5 V range. Requires RFB1_0 connection.
001 0 V to 5 V range. Requires RFB1_0 connection.
010 0 V to 10 V range. Requires RFB2_0 connection.
011 −5 V to +5 V range. Requires RFB2_0 connection.
100 −10 V to +10 V range. Requires RFB4_0 connection.
Channel 0 Offset Register
Address: 0x1B, Reset: 0x00, Name: CH0_OFFSET
This register configures the dc offset of the Channel 0 DAC. For this value to take effect, the CH0_RANGE_OVERRIDE bit must be set in the
CH0_GAIN register.
Table 39. Bit Descriptions for CH0_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CH0_OFFSET
Channel 0 DC Offset.
0x0
R/W
Channel 0 Gain Register
Address: 0x1C, Reset: 0x00, Name: CH0_GAIN
This register enables the configuration of custom span modes, configures the scaling of the PMOS DAC and NMOS DAC current sources, and
controls the polarity of the offset value.
Table 40. Bit Descriptions for CH0_GAIN
Bits
Bit Name
Settings
Description
Reset
Access
7
CH0_RANGE_OVERRIDE
Channel 0 Range Override. This bit allows the user to override the
preconfigured range settings and manually set offset and gain.
0x0
R/W
0 Use preconfigured range settings.
1 Use custom range settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com