Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 49 Page - Analog Devices

Part # AD8675
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD8675 Datasheet HTML 45Page - Analog Devices AD8675 Datasheet HTML 46Page - Analog Devices AD8675 Datasheet HTML 47Page - Analog Devices AD8675 Datasheet HTML 48Page - Analog Devices AD8675 Datasheet HTML 49Page - Analog Devices AD8675 Datasheet HTML 50Page - Analog Devices AD8675 Datasheet HTML 51Page - Analog Devices AD8675 Datasheet HTML 52Page - Analog Devices AD8675 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Data Sheet
AD3551R
REGISTERS
analog.com
Rev. 0 | 49 of 60
DAC REGISTER DETAILS
Reference Configuration Register
Address: 0x15, Reset: 0x00, Name: REFERENCE_CONFIG
This register controls the source and driving of the voltage reference.
Table 34. Bit Descriptions for REFERENCE_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
IDUMP_FASTMODE
IDUMP Buffer Fast Mode. Set this bit to increase the IDD of the IDUMP
buffer of the amplifier to allow for a greater gain bandwidth.
0x0
R/W
[5:2]
RESERVED
Reserved.
0x0
R
[1:0]
REFERENCE_VOLTAGE_SEL
Reference Voltage Selection. These two bits are used to select the
configuration of the reference voltage circuit.
0x0
R/W
00 Reference voltage generated internally. The VREF pin is floating.
01 Reference voltage generated internally and output on the VREF pin.
10 Reference voltage provided externally and input on the VREF pin.
11 Reference voltage provided externally and input on the VREF pin.
Error Alarm Mask Register
Address: 0x16, Reset: 0x00, Name: ERR_ALARM_MASK
This register selects which error conditions cause the assertion of the ALERT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com