Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8675
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 4 Page - Analog Devices

  AD8675 Datasheet HTML 1Page - Analog Devices AD8675 Datasheet HTML 2Page - Analog Devices AD8675 Datasheet HTML 3Page - Analog Devices AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Data Sheet
AD3551R
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 60
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output Low Voltage
VOL
0.20 ×
VLOGIC
V
ISINK = 100 μA
Output High Voltage
VOH
0.80 ×
VLOGIC
V
ISOURCE = 100 μA
Pin Capacitance
CIN
4
pF
POWER REQUIREMENTS
VLOGIC Pin
1.1
1.8
1.89
V
VLOGIC Current
ILOGIC
1
7.5
µA
VINH = VLOGIC × 0.9, VINL = VLOGIC × 0.1
VLOGIC Dynamic Current
ILOGIC_DYNAMIC
3
5
mA
SCLK = 66 MHz, quad SPI DDR, VINH = VLOGIC ×
0.65, VINL = VLOGIC × 0.35
DVDD Pin
1.71
1.8
1.89
V
DVDD Current
IDVDD
0.5
0.8
mA
DVDD Dynamic Current
IDVDD_DYNAMIC
33
40
mA
SCLK = 66 MHz, quad SPI DDR
AVDD Pin
4.75
5
5.25
V
AVDD Current
IDD
12
15
mA
Channel 0 zero-scale, 0 V to ±5 V range
AVDD Power-Down Current
IDD
0.6
mA
After reset, DAC powered down
AVDD Reset Current
IDD
120
µA
RESET asserted
1 See the Terminology section.
2 Guaranteed by design and characterization, not production tested.
3 Measured at zero code.
4 Reference temperature coefficient is calculated as per the box method.
AC CHARACTERISTICS
AVDD = 5.0 V ± 5%, DVDD = 1.8 V ± 5%, 1.1 V ≤ VLOGIC ≤ 1.9 V, −40°C ≤ TA ≤ +105°C, measured with the ADA4807-1 external amplifier, unless
otherwise noted.
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
100
ns
2 V step, 0.1% error, 0 V to 5 V range
75
ns
2 V step, 1% error, 0 V to 5 V range
65
ns
60 mV step, 0.1% error, 0 V to 5 V range
15
ns
60 mV step, 1% error, 0 V to 5 V range
Slew Rate
100
V/µs
Full-scale step, 0 V to 2.5 V range
Digital-to-Analog Glitch Impulse
50
pV×s
0 V to 5 V range, ±1 LSB change around major carry
Digital Feedthrough
25
pV×s
50 MHz clock, RFB2_x
AC PSRR
80
dB
1 kHz, RFB1_x
43
dB
1 MHz, RFB1_x
Output Noise Spectral Density
15
nV/
Hz DACcode=midscale,externalreference,10kHz,NCAPx=1.2μF,
PCAPx = none, RFB1_x
30
nV/
Hz RFB2_x
60
nV/
Hz RFB4_x
Output Noise
3.8
µVRMS
DAC code = midscale, external reference, 1 Hz to 10 kHz, NCAPx =
1.2 μF, PCAPx = none, RFB1_x
7.6
µVRMS
RFB2_x
15.4
µVRMS
RFB4_x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com