Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8675
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 1 Page - Analog Devices

  AD8675 Datasheet HTML 1Page - Analog Devices AD8675 Datasheet HTML 2Page - Analog Devices AD8675 Datasheet HTML 3Page - Analog Devices AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Data Sheet
AD3551R
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
16-bit resolution
►
33 MUPS rate in fast mode
►
22 MUPS rate in precision mode
►
65 ns small signal settling time to 0.1% accuracy
►
100 ns large signal settling time to 0.1% accuracy
►
Ultra small glitch: < 50 pV×s
►
Ultra low latency: 5 ns
►
THD: −105 dB at 1 kHz
►
Highly configurable output voltage span and offset
►
1.2 V and 1.8 V logic level compatible
►
Single (classic), dual, and quad SPI modes
►
Multiple error detectors, both analog and digital domains
►
2.5 V internal voltage reference, 10 ppm/°C maximum tempera-
ture coefficient
►
5 mm × 5 mm LFCSP
APPLICATIONS
►
Instrumentation
►
Hardware in the loop
►
Process control equipment
►
Medical devices
►
Automated test equipment
►
Data acquisition system
►
Programmable voltage sources
►
Optical communications
GENERAL DESCRIPTION
The AD3551R is a low drift, ultra-fast, 16-bit accuracy, current
output digital-to-analog converter (DAC) that can be configured in
multiple voltage span ranges. The AD3551R operates with a fixed
2.5 V reference.
The device incorporates three drift compensating feedback resis-
tors for the required external transimpedance amplifier (TIA) that
scales the output voltage. Offset and gain scaling registers allow for
generation of multiple output span ranges, such as 0 V to 2.5 V, 0 V
to 5 V, 0 V to 10 V, −5 V to +5 V, and −10 V to +10 V, and custom
intermediate ranges with full 16-bit resolution.
The DAC can operate in fast mode for maximum speed or precision
mode for maximum accuracy.
The SPI interface can be configured in single SPI (classic SPI)
mode, dual SPI mode, and quad SPI mode with single date rate
(SDR) or double data rate (DDR), with logical levels from 1.2 V to
1.8 V.
To improve device robustness, cyclic redundancy check (CRC) can
be enabled. Multiple error checkers have also been integrated to
detect VREF failures or memory map corruption.
The AD3551R is specified over the extended industrial temperature
range (–40°C to +105°C).
Table 1. Related Devices
Part No.
Description
AD8675
36 V precision, 2.8 nV/√Hz rail-to-rail output operational amplifier
AD8065
High performance, 145 MHz FastFET™ operational amplifiers
ADA4807-1
3.1 nV/√Hz, 1 mA, 180 MHz, rail-to-rail input/output amplifier
ADR4525
Ultralow noise, high accuracy, 2.5 V voltage reference
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
Analog Devices is in the process of updating documentation to provide terminology and language that is culturally appropriate. This is a process
with a wide scope and will be phased in as quickly as possible. Thank you for your patience.


Similar Part No. - AD8675

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675 AD-AD8675 Datasheet
804Kb / 24P
30 V, Low Noise, Rail-to-Rail
REV. A
AD8675 AD-AD8675 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8675 AD-AD8675 Datasheet
854Kb / 28P
True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
More results

Similar Description - AD8675

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
12-Bit DAC with SPI??Interface
2004
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
16-BIT DAC
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Texas Instruments
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
16-bit SPI Programmable DAC for 4-20mA Loops
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
logo
Analog Devices
AD3552R AD-AD3552R Datasheet
3Mb / 68P
16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3542R AD-AD3542R Datasheet
3Mb / 65P
Dual Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD3541R AD-AD3541R Datasheet
3Mb / 56P
Single Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com