Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 60 Page - Analog Devices

Part # AD8675
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD8675 Datasheet HTML 52Page - Analog Devices AD8675 Datasheet HTML 53Page - Analog Devices AD8675 Datasheet HTML 54Page - Analog Devices AD8675 Datasheet HTML 55Page - Analog Devices AD8675 Datasheet HTML 56Page - Analog Devices AD8675 Datasheet HTML 57Page - Analog Devices AD8675 Datasheet HTML 58Page - Analog Devices AD8675 Datasheet HTML 59Page - Analog Devices AD8675 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
Data Sheet
AD3551R
OUTLINE DIMENSIONS
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 60 of 60
Figure 92. 32-Lead Lead Frame Chip Package [LFCSP]
5 mm × 5 mm Body and 0.95 mm Package Height
(CP-32-30)
Dimensions shown in millimeters
Updated: February 08, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
AD3551RBCPZ16
−40°C to +105°C
32-Lead LFCSP (5 mm × 5 mm × 0.95 mm w/ EP) Tray, 490
CP-32-30
AD3551RBCPZ16-RL7
−40°C to +105°C
32-Lead LFCSP (5 mm × 5 mm × 0.95 mm w/ EP) Reel, 1500
CP-32-30
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1, 2
Description
EVAL-AD3552RFMC1Z
AD3552R Evaluation Board Optimized for Settling Time
EVAL-AD3552RFMC2Z
AD3552R Evaluation Board Optimized for DC Accuracy
EVAL-SDP-CH1Z
SDP High Speed Controller Board
1 Z = RoHS Compliant Part.
2 The EVAL-AD3552RFMC1Z and EVAL-AD3552RFMC2Z can be used to evaluate the AD3551R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com