Electronic Components Datasheet Search
  English  ▼

X  

AD9697 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9697
Description  14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9697 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9697 Datasheet HTML 35Page - Analog Devices AD9697 Datasheet HTML 36Page - Analog Devices AD9697 Datasheet HTML 37Page - Analog Devices AD9697 Datasheet HTML 38Page - Analog Devices AD9697 Datasheet HTML 39Page - Analog Devices AD9697 Datasheet HTML 40Page - Analog Devices AD9697 Datasheet HTML 41Page - Analog Devices AD9697 Datasheet HTML 42Page - Analog Devices AD9697 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
Data Sheet
AD9697
Rev. 0 | Page 39 of 130
NCO FTW/POW/MAW/MAB Coherent Mode
For coherent mode, the NCO MAW must be set to zero
(0x0000_0000_0000). In this mode, the NCO FTW can be
calculated by the following equation:
48 mod(
, )
round(2
)
CS
S
f f
FTW
f
(5)
where:
FTW
is the 48-bit twos complement number representing the
NCO FTW.
fS
is the ADC sampling frequency.
fC
is the desired carrier frequency.
mod() is a remainder function. For example mod(110,100) = 10
and for negative numbers, mod(–32,10) = –2.
round() is a rounding function. For example round(3.6) = 4 and
for negative numbers, round(–3.4)= –3.
Note that Equation 5 applies to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals). The MAW must be set to zero to use coherent
mode. When MAW is zero, the programmable modulus logic is
automatically disabled.
For example, if the ADC sampling frequency (fS) is 1300 MSPS
and the carrier frequency (fC) is 417.3333 MHz, then,
NCO_FTW
= round
1300
33331300
.
417
mod(
2
48
=
0x5578_49CE_E73F
The actual carrier frequency can be calculated based on the
following equation:
fC_ACTUAL
= (FTW × fS)/248
For the previous example, the actual carrier frequency (fC_ACTUAL) is
fC_ACTUAL
= (0x5578_49CE_E73F × 1300)/248 = 417.33 MHz
A 48-bit POW is available for each NCO to create a known
phase relationship between multiple chips or individual DDC
channels inside the chip.
While in coherent mode, the FTW and POW registers can be
updated at any time while still maintaining deterministic phase
results in the NCO.
NCO Channel Selection
When configured in coherent mode, only one FTW is required
in the NCO. In this mode, the user can switch to any tuning
frequency without the need to reset the NCO by writing to the
FTW directly. However, for fast switching applications, where
either all FTWs are known beforehand or it is possible to queue
up the next set of FTWs, the NCO contains 16 additional
shadow registers (see Figure 74). These shadow registers are
hereafter referred to as the NCO channels.
Figure 74 shows a simplified block diagram of the NCO channel
selection block.
Only one NCO channel is active at a time, and NCO channel
selection is controlled either by the CMOS GPIO pins or
through the register map.
Each NCO channel selector supports three different modes, as
described in the following sections.
NCO CHANNEL
SELECTION
NCO CHANNEL SELECTION
COUNTER
GPIO
CMOS
PINS
GPIO
SELECTION
MUX
INC
BIT 0
NCO
REGISTER MAP NCO
CHANNEL SELECTION
0x0314, 0x0334, 0x0354, 0x0374
NCO CHANNEL MODE
[1:0]
IN
IN
REGISTER
MAP
Figure 74. NCO Channel Selection Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com