Electronic Components Datasheet Search
  English  ▼

X  

AD9697 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9697
Description  14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9697 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9697 Datasheet HTML 58Page - Analog Devices AD9697 Datasheet HTML 59Page - Analog Devices AD9697 Datasheet HTML 60Page - Analog Devices AD9697 Datasheet HTML 61Page - Analog Devices AD9697 Datasheet HTML 62Page - Analog Devices AD9697 Datasheet HTML 63Page - Analog Devices AD9697 Datasheet HTML 64Page - Analog Devices AD9697 Datasheet HTML 65Page - Analog Devices AD9697 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 130 page
background image
AD9697
Data Sheet
Rev. 0 | Page 62 of 130
Register 0x056E must be programmed according to the lane
rate calculated. Refer to the Phase-Locked Loop (PLL) section
for more details.
Table 31 and Table 32 show the JESD204B output configurations
supported for both N΄ = 16, N’=12, and N΄ = 8 for a given
number of virtual converters. Take care to ensure that the serial
lane rate for a given configuration is within the supported range
of 1.6875 Gbps to 16 Gbps.
Table 31. JESD204B Output Configurations for N΄ = 161
Number
of Virtual
Converters
Supported
(Same as M)
JESD204B
Serial
Lane
Rate2
Supported Decimation Rates
JESD204B Transport Layer Settings3
Lane Rate =
1.6875 Gbps to
3.375 Gbps
Lane Rate =
3.375 Gbps to
6.75 Gbps
Lane Rate =
6.75 Gbps to
13.5 Gbps
Lane Rate =
13.5 Gbps to
16 Gbps
L
M
F
S
HD
N
N'
CS
K
1
20 × fOUT
2, 4, 5, 6
1, 2, 3
1
N/A
1
1
2
1
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6
1, 2, 3
1
N/A
1
1
4
2
0
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3
1,
N/A
N/A
2
1
1
1
1
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3
1
N/A
N/A
2
1
2
2
0
8 to 16
16
0 to 3
See
Note 4
5 × fOUT
1
N/A
N/A
N/A
4
1
1
2
1
8 to 16
16
0 to 3
See
Note 4
5 × fOUT
1
N/A
N/A
N/A
4
1
2
4
0
8 to 16
16
0 to 3
See
Note 4
2
40 × fOUT
4, 8, 10, 12
2, 4, 5, 6
1, 2, 3
1
1
2
4
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12
2, 4, 5, 6
1, 2, 3
1
1
2
8
2
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
4, 5, 6
1, 2, 3
1
N/A
2
2
2
1
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6
1, 2, 3
1
N/A
2
2
4
2
0
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3
1
N/A
N/A
4
2
1
1
1
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3
1
N/A
N/A
4
2
2
2
0
8 to 16
16
0 to 3
See
Note 4
4
80 × fOUT
8, 16, 20, 24
4, 8, 10, 12
2, 4, 6
2
1
4
8
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12
2, 4, 5, 6
1, 2, 3
1
2
4
4
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12
2, 4, 5, 6
1, 2, 3
1
2
4
8
2
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6
1, 2, 3
1
N/A
4
4
2
1
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6
1, 2, 3
1
N/A
4
4
4
2
0
8 to 16
16
0 to 3
See
Note 4
8
160 × fOUT
16, 40, 48
8, 16, 20, 24
4, 8, 12
4
1
8
16
1
0
8 to 16
16
0 to 3
See
Note 4
80 × fOUT
8, 16, 20, 24
4, 8, 10, 12
2, 4, 6
2
2
8
8
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12
2, 4, 6
2
N/A
4
8
4
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12
2, 4, 6
2
N/A
4
8
8
2
0
8 to 16
16
0 to 3
See
Note 4
1
Due to the internal clock requirements, only certain decimation rates are supported for certain link parameters.
2
JESD204B transport layer descriptions are as follows: L is the number of lanes per converter device (lanes per link); M is the number of virtual converters per converter
device (virtual converters per link); F is the octets per frame; S is the samples transmitted per virtual converter per frame cycle; HD is the high density mode; N is the virtual
converter resolution (in bits); N' is the total number of bits per sample (JESD204B word size); CS is the number of control bits per conversion sample; K is the number of frames per
multiframe.
3
fADC_CLK is the ADC sample rate; DCM = chip decimation ratio; fOUT is the output sample rate = fADC_CLK/DCM; SLR is the JESD204B serial lane rate. The following equations must be
met due to internal clock divider requirements: SLR ≥ 1.6875 Gbps and SLR ≤ 16 Gbps; SLR/40 ≤ fADC_CLK; least common multiple (20 × DCM × fOUT/SLR, DCM) ≤ 64. When the SLR
is ≤ 16,000 Mbps and > 13,500 Mbps, Register 0x056E must be set to 0x30. When the SLR is ≤ 13,500 Mbps and ≥ 6750 Mbps, Register 0x056E must be set to 0x00. When the SLR
is < 6750 Mbps and ≥ 3375 Mbps, Register 0x056E must be set to 0x10. When the SLR is < 3375 Mbps and ≥ 1687.5 Mbps, Register 0x056E must be set to 0x50.
4
Only valid K × F values that are divisible by 4 are supported: for F = 1, K = 20, 24, 28, 32; for F = 2, K = 12, 16, 20, 24, 28, 32; for F = 4, K = 8, 12, 16, 20, 24, 28, 32; for F = 8, K = 4,
8, 12, 16, 20, 24, 28, 32; and for F = 16, K = 4, 8, 12, 16, 20, 24, 28, 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com