Electronic Components Datasheet Search
  English  ▼

X  

AD9697 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9697
Description  14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9697 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9697 Datasheet HTML 36Page - Analog Devices AD9697 Datasheet HTML 37Page - Analog Devices AD9697 Datasheet HTML 38Page - Analog Devices AD9697 Datasheet HTML 39Page - Analog Devices AD9697 Datasheet HTML 40Page - Analog Devices AD9697 Datasheet HTML 41Page - Analog Devices AD9697 Datasheet HTML 42Page - Analog Devices AD9697 Datasheet HTML 43Page - Analog Devices AD9697 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 130 page
background image
AD9697
Data Sheet
Rev. 0 | Page 40 of 130
GPIO Level Control Mode
The GPIOx pins determine the exact NCO channel selected.
The following procedure must be followed to use GPIO level
control for NCO channel selection:
3. Configure one or more GPIOx pins as NCO channel
selection inputs. GPIOx pins not configured as NCO
channel selection are internally tied low.
a. To use GPIO1, write Bits[2:0] in Register 0x0040 to
0x6 and Bits[3:0] in Register 0x0041 to 0x0.
b. To use GPIO2, write Bits[5:3] in Register 0x0040 to
0x6 and Bits [7:4] in Register 0x0041 to 0x0.
4. Configure the NCO channel selector in GPIO level control
mode by setting Bits[7:4] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374) to 0x1 through 0x6, depending on the
desired GPIO pin ordering.
5. Select the desired NCO channel through the GPIOx pins.
GPIO Edge Control Mode
Low to high transition on the GPIOx pin determines the exact
NCO channel selected. The internal channel selection counter
is reset by either SYSREF± or the DDC soft reset.
The following procedure must be followed to use GPIO edge
control for NCO channel selection:
6. Configure one or more GPIOx pins as NCO channel
selection inputs.
a. To use GPIO1, write Bits[2:0] in Register 0x0040 to
0x6 and Bits[3:0] in Register 0x0041 to 0x0.
b. To use GPIO2, write Bits[5:3] in Register 0x0040 to
0x6 and Bits[7:4] in Register 0x0041 to 0x0.
7. Configure the NCO channel selector in GPIO edge control
mode by setting Bits[7:4] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374) to 0x8 through 0xB, depending on the
desired GPIOx pin.
8. Configure the wrap point for the NCO channel selection
by setting Bits[3:0] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374). A value of 4 causes the channel selection
to wrap at Channel 4 (0, 1, 2, 3, 4, 0, 1, 2, 3, 4, and so on).
9. Transition the selected GPIOx pin from low to high to
increment the NCO channel selection.
Register Map Mode
NCO channel selection is controlled directly through the
register map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com