Electronic Components Datasheet Search
  English  ▼

X  

AD9697 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9697
Description  14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9697 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9697 Datasheet HTML 13Page - Analog Devices AD9697 Datasheet HTML 14Page - Analog Devices AD9697 Datasheet HTML 15Page - Analog Devices AD9697 Datasheet HTML 16Page - Analog Devices AD9697 Datasheet HTML 17Page - Analog Devices AD9697 Datasheet HTML 18Page - Analog Devices AD9697 Datasheet HTML 19Page - Analog Devices AD9697 Datasheet HTML 20Page - Analog Devices AD9697 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 130 page
background image
Data Sheet
AD9697
Rev. 0 | Page 17 of 130
20000
15000
10000
5000
0
–16
14
16
CODE
–13
–10
–7
–4
–1
2
5
8
11
Figure 24. Input Referred Noise Histogram
0
–16
–14
0
4000
AIN FREQUENCY (MHz)
–12
–10
–8
–6
–4
–2
1000
2000
3000
Figure 25. Full Power Bandwidth
1.4
0.8
–40
110
JUNCTION TEMPERATURE (°C)
0.9
1.0
1.1
1.2
1.3
10
60
Figure 26. Total Power Dissipation vs. Junction Temperature
1.10
0.80
500
1500
SAMPLE RATE (MSPS)
0.85
0.90
0.95
1.00
1.05
700
900
1100
1300
Figure 27. Total Power Dissipation vs. Sample Rate (fS)
66
61
0
500
1000
1500
2000
ANALOG INPUT FREQUENCY (MHz)
62
63
64
65
400mV
600mV
800mV
1000mV
1200mV
1400mV
1600mV
1800mV
2000mV
CLOCK AMPLITUDE
Figure 28. SNR vs. Analog Input Frequency at Different Clock Amplitudes
86
72
74
76
78
80
82
84
0
500
1000
1500
2000
ANALOG INPUT FREQUENCY (MHz)
BUFFER CURRENT = 460µA
BUFFER CURRENT = 400µA
BUFFER CURRENT = 360µA
BUFFER CURRENT = 300µA
Figure 29. SFDR vs. Analog Input Frequency with Different Buffer Current
Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com