Electronic Components Datasheet Search
  English  ▼

X  

AD9697 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9697
Description  14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9697 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9697 Datasheet HTML 25Page - Analog Devices AD9697 Datasheet HTML 26Page - Analog Devices AD9697 Datasheet HTML 27Page - Analog Devices AD9697 Datasheet HTML 28Page - Analog Devices AD9697 Datasheet HTML 29Page - Analog Devices AD9697 Datasheet HTML 30Page - Analog Devices AD9697 Datasheet HTML 31Page - Analog Devices AD9697 Datasheet HTML 32Page - Analog Devices AD9697 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 130 page
background image
Data Sheet
AD9697
Rev. 0 | Page 29 of 130
ADC APPLICATION MODES AND JESD204B Tx CONVERTER MAPPING
The AD9697 contains a configurable signal path that allows
different features to be enabled for different applications. These
features are controlled using the chip application mode register,
Register 0x0200. The chip operating mode is controlled by Bits[3:0]
in this register, and the chip Q ignore is controlled by Bit 5.
The AD9697 contains the following modes:
Full bandwidth mode: 14-bit ADC core running at the full
sample rate.
DDC mode: up to four digital downconverter (DDC)
channels.
After the chip application mode is selected, the output
decimation ratio is set using the chip decimation ratio in
Register 0x0201, Bits[3:0]. The output sample rate = ADC
sample rate/the chip decimation ratio.
To support the different application layer modes, the AD9697
treats each sample stream (real, I, or Q) as originating from
separate virtual converters.
Table 11 shows the number of virtual converters required and
the transport layer mapping. Figure 65 shows the virtual
converters and their relationship to the DDC outputs when
complex outputs are used.
Each DDC channel outputs either two sample streams (I/Q) for
the complex data components (real + imaginary), or one sample
stream for real (I) data. The AD9697 can be configured to use up
to eight virtual converters, depending on the DDC configuration.
The I/Q samples are always mapped in pairs with the I samples
mapped to the first virtual converter and the Q samples mapped
to the second virtual converter. With this transport layer mapping,
the number of virtual converters are the same whether a single
real converter is used along with a digital downconverter block
producing I/Q outputs, or whether an analog downconversion
is used with two real converters producing I/Q outputs.
Figure 66 shows a block diagram of the two scenarios described
for I/Q transport layer mapping.
Table 11. Virtual Converter Mapping
No. of Virtual
Converters
Supported
Chip Operating
Mode
(Reg. 0x0200,
Bits[3:0])
Chip Q Ignore
(0x0200, Bit 5)
Virtual Converter Mapping
0
1
2
3
4
5
6
7
1
Full bandwidth
mode (0x0)
Real or complex
(0x0)
ADC
samples
Unused
Unused
Unused
Unused
Unused
Unused
Unused
1
One DDC mode
(0x1)
Real (I only)
(0x1)
DDC 0 I
samples
Unused
Unused
Unused
Unused
Unused
Unused
Unused
2
One DDC mode
(0x1)
Complex (I/Q)
(0x0)
DDC 0 I
samples
DDC 0 Q
samples
Unused
Unused
Unused
Unused
Unused
Unused
2
Two DDC mode
(0x2)
Real (I only)
(0x1)
DDC 0 I
samples
DDC 1 I
samples
Unused
Unused
Unused
Unused
Unused
Unused
4
Two DDC mode
(0x2)
Complex (I/Q)
(0x0)
DDC 0 I
samples
DDC 0 Q
samples
DDC 1 I
samples
DDC 1 Q
samples
Unused
Unused
Unused
Unused
4
Four DDC mode
(0x3)
Real (I only)
(0x1)
DDC 0 I
samples
DDC 1 I
samples
DDC 2 I
samples
DDC 3 I
samples
Unused
Unused
Unused
Unused
8
Four DDC mode
(0x3)
Complex (I/Q)
(0x0)
DDC 0 I
samples
DDC 0 Q
samples
DDC 1 I
samples
DDC 1 Q
samples
DDC 2 I
samples
DDC 2 Q
samples
DDC 3 I
samples
DDC 3 Q
samples
DDC 3
OUTPUT
INTERFACE
I
Q
I
Q
Q
CONVERTER 7
REAL/I
CONVERTER 6
DDC 2
I
Q
I
Q
Q
CONVERTER 5
REAL/I
CONVERTER 4
DDC 1
I
Q
I
Q
Q
CONVERTER 3
REAL/I
CONVERTER 2
REAL
REAL
DDC 0
I
Q
I
Q
Q
CONVERTER 1
REAL/I
CONVERTER 0
REAL
REAL
REAL
REAL
REAL
REAL
REAL/I
ADC
SAMPLING
AT
fS
Figure 65. DDCs and Virtual Converter Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com